Electronic Components Datasheet Search
  English  ▼

X  

CS49DV8 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS49DV8
Description  32-bit Dual Audio DSP Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49DV8 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS49DV8 Datasheet HTML 5Page - Cirrus Logic CS49DV8 Datasheet HTML 6Page - Cirrus Logic CS49DV8 Datasheet HTML 7Page - Cirrus Logic CS49DV8 Datasheet HTML 8Page - Cirrus Logic CS49DV8 Datasheet HTML 9Page - Cirrus Logic CS49DV8 Datasheet HTML 10Page - Cirrus Logic CS49DV8 Datasheet HTML 11Page - Cirrus Logic CS49DV8 Datasheet HTML 12Page - Cirrus Logic CS49DV8 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
DS868PP2
Copyright 2008 Cirrus Logic, Inc.
9
CS49DV8C Data Sheet
32-bit Audio DSP Family
4.3 DSP I/O Description
4.3.1 Multiplexed Pins
Many of the CS49DV8C pins are multi-functional. For details on pin functionality please refer to the
CS4953xx Hardware User’s Manual.
4.3.2 Termination Requirements
Open-drain pins on the CS49DV8C must be pulled high for proper operation. Please refer to the
CS4953xx Hardware User’s Manual to identify which pins are open-drain and what value of pull-up
resistor is required for proper operation.
Mode select pins on the CS49DV8C are used to select the boot mode upon the rising edge of reset. A
detailed explanation of termination requirements for each communication mode select pin can be found
in the CS4953xx Hardware User’s Manual.
4.3.3 Pads
The CS49DV8C I/O operates from the 3.3 V supply and is 5 V tolerant.
4.4 Application Code Security
The external program code may be encrypted by the programmer to protect any intellectual property it
may contain. A secret, customer-specific key is used to encrypt the program code that is to be stored
external to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com