Electronic Components Datasheet Search
  English  ▼

X  

CS49DV8 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS49DV8
Description  32-bit Dual Audio DSP Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49DV8 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS49DV8 Datasheet HTML 3Page - Cirrus Logic CS49DV8 Datasheet HTML 4Page - Cirrus Logic CS49DV8 Datasheet HTML 5Page - Cirrus Logic CS49DV8 Datasheet HTML 6Page - Cirrus Logic CS49DV8 Datasheet HTML 7Page - Cirrus Logic CS49DV8 Datasheet HTML 8Page - Cirrus Logic CS49DV8 Datasheet HTML 9Page - Cirrus Logic CS49DV8 Datasheet HTML 10Page - Cirrus Logic CS49DV8 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
DS868PP2
Copyright 2008 Cirrus Logic, Inc.
7
CS49DV8C Data Sheet
32-bit Audio DSP Family
2.1 Licensing
Licenses are required for Dolby Volume and for all of the third party audio processing algorithms. Please
contact your local Cirrus Sales representative for more information.
3. Firmware Supported
The suite of software available for the CS49DV8C family consists of operating systems (OS) and a
library of overlays. The overlays have been divided into three main groups called Decoders, Mid-
processors, and Post-processors. All software components are defined as follows:
• OS/Kernel - Encompasses all non-audio processing tasks, including loading data from external
memory, processing host messages, calling audio-processing subroutines, auto-detection, error
concealment, etc.
• Dolby Volume - The CS49DV8C can run Dolby Volume on either DSP A or DSP B. On the DSP that
is not running Dolby Volume, it can run the firmware currently available on the CS4953xx family for
that DSP (A or B).
4. Hardware Functional Description
4.1 DSP Core
The CS49DV8C is a dual-core DSP with separate X and Y data and P code memory spaces. Each core
is a high-performance, 32-bit, user-programmable, fixed-point DSP that is capable of performing two
memory access control (MAC) operations per clock cycle. Each core has eight 72-bit accumulators, four
X- and four Y-data registers, and 12 index registers.
Both DSP cores are coupled to a flexible DMA engine. The DMA engine can move data between
peripherals such as the digital audio input (DAI) and digital audio output (DAO), external memory, or any
DSP core memory, all without the intervention of the DSP. The DMA engine offloads data move
instructions from the DSP core, leaving more MIPS available for signal processing instructions.
CS49DV8C functionality is controlled by application codes that are stored in on-board ROM or
downloaded to the CS49DV8C from a host MCU or external FLASH/EEPROM. Users can choose to use
standard audio post-processor modules which are available from Cirrus Logic.
4.1.1 DSP Memory
The memory maps for the DSPs are as follows. All memory sizes are composed of 32-bit words.
4.1.2 DMA Controller
The powerful 12-channel DMA controller can move data between 8 on-chip resources. Each resource
has its own arbiter: X, Y, and P RAM/ROMs on DSP A; X, Y, and P RAM/ROMs on DSP B; external
Table 3. CS49DV8C DSP Memory Sizes
Memory
Type
DSP A
DSP B
X
16k SRAM, 32k ROM
10k SRAM, 8k ROM
Y
24k SRAM, 32k ROM
16k SRAM, 16k ROM
P
8k SRAM, 32k ROM
8k SRAM, 24k ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com