Electronic Components Datasheet Search
  English  ▼

X  

CS49DV8 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS49DV8
Description  32-bit Dual Audio DSP Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49DV8 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS49DV8 Datasheet HTML 11Page - Cirrus Logic CS49DV8 Datasheet HTML 12Page - Cirrus Logic CS49DV8 Datasheet HTML 13Page - Cirrus Logic CS49DV8 Datasheet HTML 14Page - Cirrus Logic CS49DV8 Datasheet HTML 15Page - Cirrus Logic CS49DV8 Datasheet HTML 16Page - Cirrus Logic CS49DV8 Datasheet HTML 17Page - Cirrus Logic CS49DV8 Datasheet HTML 18Page - Cirrus Logic CS49DV8 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
DS868PP2
Copyright 2008 Cirrus Logic, Inc.
15
CS49DV8C Data Sheet
32-bit Audio DSP Family
5.10 Switching Characteristics — Serial Control Port - SPI Master Mode
Figure 4. Serial Control Port - SPI Master Mode Timing
Parameter
Symbol
Min
Typical
Max
Units
SCP_CLK frequency1
1. The specification fspisck indicates the maximum speed of the hardware. The system designer should be
aware that the actual maximum speed of the communication port may be limited by the firmware
application.
2. See Section 5.7.
3. SCP_CLK PERIOD refers to the period of SCP_CLK as being used in a given application. It does not refer
to a tested parameter.
fspisck
-Fxtal/2 (See
Footnote 2)
MHz
SCP_CS falling to SCP_CLK rising 3
tspicss
-
11*DCLKP +
(SCP_CLK PERIOD)/2
-ns
SCP_CLK low time
tspickl
18
-
ns
SCP_CLK high time
tspickh
18
-
ns
Setup time SCP_MISO input
tspidsu
11
-
ns
Hold time SCP_MISO input
tspidh
5-
ns
SCP_CLK low to SCP_MOSI output valid
tspidov
-11
ns
SCP_CLK low to SCP_CS falling
tspicsl
7-
ns
SCP_CLK low to SCP_CS rising
tspicsh
-
11*DCLKP +
(SCP_CLK PERIOD)/2
-ns
Bus free time between active SCP_CS
tspicsx
3*DCLKP
-
ns
SCP_CLK falling to SCP_MOSI output high-Z
tspidz
-20
ns
EE_CS
SCP_CLK
SCP_MISO
SCP_MOSI
0
1267
0
56
7
tspicss
tspickl
tspickh
tspidsu
tspidh
tspidov
A6
A5
A0
R/W
MSB
LSB
MSB
LSB
tspicsh
tspicsx
fspisck
tspidz
tspicsl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com