Electronic Components Datasheet Search
  English  ▼

X  

WM8213 Datasheet(PDF) 6 Page - Cirrus Logic

Part # WM8213
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8213 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button WM8213 Datasheet HTML 2Page - Cirrus Logic WM8213 Datasheet HTML 3Page - Cirrus Logic WM8213 Datasheet HTML 4Page - Cirrus Logic WM8213 Datasheet HTML 5Page - Cirrus Logic WM8213 Datasheet HTML 6Page - Cirrus Logic WM8213 Datasheet HTML 7Page - Cirrus Logic WM8213 Datasheet HTML 8Page - Cirrus Logic WM8213 Datasheet HTML 9Page - Cirrus Logic WM8213 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
WM8213
Production Data
w
PD Rev 4.1 July 2008
6
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = DVDD1 = DVDD2 = 3.3V, AGND = DGND = 0V, TA = 25
°C, MCLK = 24MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Overall System Specification (including 16-bit ADC, PGA, Offset and CDS functions)
Conversion rate
24
MSPS
LOWREFS=0, Max Gain
LOWREFS=0, Min Gain
0.25
3.03
Vp-p
Vp-p
Full-scale input voltage range
(see Note 1)
LOWREFS=1, Max Gain
LOWREFS=1, Min Gain
0.15
1.82
Vp-p
Vp-p
Input signal limits (see Note 2)
VIN
AGND-0.3
AVDD+0.3
V
Input Capacitance
(RINP, GINP, BINP)
10
pF
Input Impedance
(RINP, GINP, BINP)
50
Ω
Full-scale transition error
Gain = 0dB;
PGA[8:0] = 18(hex)
20
mV
Zero-scale transition error
Gain = 0dB;
PGA[8:0] = 18(hex)
20
mV
Differential non-linearity
DNL
1
LSB
Integral non-linearity
INL
25
LSB
Channel to channel gain matching
1
%
Total output noise
Min Gain
Max Gain
12.4
105
LSB rms
LSB rms
References
Upper reference voltage
VRT
LOWREFS=0
LOWREFS=1
1.95
2.05
1.85
2.25
V
Lower reference voltage
VRB
LOWREFS=0
LOWREFS=1
0.95
1.05
1.25
1.25
V
Input return bias voltage
VRX
1.25
V
Diff. reference voltage (VRT-VRB)
VRTB
LOWREFS=0
LOWREFS=1
0.90
1.0
0.6
1.10
V
Output resistance VRT, VRB, VRX
1
Ω
Notes:
1.
Full-scale input voltage denotes the peak input signal amplitude that can be gained to match the ADC full-scale
input range.
2.
Input signal limits are the limits within which the full-scale input voltage signal must lie.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com