Electronic Components Datasheet Search
  English  ▼

X  

WM8213 Datasheet(PDF) 8 Page - Cirrus Logic

Part # WM8213
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8213 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button WM8213 Datasheet HTML 4Page - Cirrus Logic WM8213 Datasheet HTML 5Page - Cirrus Logic WM8213 Datasheet HTML 6Page - Cirrus Logic WM8213 Datasheet HTML 7Page - Cirrus Logic WM8213 Datasheet HTML 8Page - Cirrus Logic WM8213 Datasheet HTML 9Page - Cirrus Logic WM8213 Datasheet HTML 10Page - Cirrus Logic WM8213 Datasheet HTML 11Page - Cirrus Logic WM8213 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
WM8213
Production Data
w
PD Rev 4.1 July 2008
8
DIGITAL SPECIFICATIONS
Digital Inputs
High level input voltage
VIH
0.7
∗ DVDD2
V
Low level input voltage
VIL
0.2
∗ DVDD2
V
High level input current
IIH
1
µA
Low level input current
IIL
1
µA
Input capacitance
CI
5
pF
Digital Outputs
High level output voltage
VOH
IOH = 1mA
DVDD2 - 0.5
V
Low level output voltage
VOL
IOL = 1mA
0.5
V
High impedance output current
IOZ
1
µA
Digital IO Pins
Applied high level input voltage
VIH
0.7
∗ DVDD2
V
Applied low level input voltage
VIL
0.2
∗ DVDD2
V
High level output voltage
VOH
IOH = 1mA
DVDD2 - 0.5
V
Low level output voltage
VOL
IOL = 1mA
0.5
V
Low level input current
IIL
1
µA
High level input current
IIH
1
µA
Input capacitance
CI
5
pF
High impedance output current
IOZ
1
µA
Supply Currents
Total supply current
− active
(Analogue and Digital)
(Three channel mode)
106
mA
Analogue supply current -active
(three channel mode)
93
mA
Digital supply current - active
(three channel mode)
13
mA
Supply current
− full power down
mode
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com