Electronic Components Datasheet Search
  English  ▼

X  

WM8213 Datasheet(PDF) 23 Page - Cirrus Logic

Part # WM8213
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8213 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button WM8213 Datasheet HTML 19Page - Cirrus Logic WM8213 Datasheet HTML 20Page - Cirrus Logic WM8213 Datasheet HTML 21Page - Cirrus Logic WM8213 Datasheet HTML 22Page - Cirrus Logic WM8213 Datasheet HTML 23Page - Cirrus Logic WM8213 Datasheet HTML 24Page - Cirrus Logic WM8213 Datasheet HTML 25Page - Cirrus Logic WM8213 Datasheet HTML 26Page - Cirrus Logic WM8213 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Production Data
WM8213
w
PD Rev 4.1 July 2008
23
LINE-BY-LINE OPERATION
Certain linear sensors give colour output on a line-by-line basis. i.e. a full line of red pixels followed
by a line of green pixels followed by a line of blue pixels. Often the sensor will have only a single
output onto which these outputs are time multiplexed.
The WM8213 can accommodate this type of input by setting the LINEBYLINE register bit high.
When in this mode the green and blue input PGAs are disabled to save power. The analogue input
signal should be connected to the RINP pin. The offset and gain values that are applied to the Red
input channel can be selected, by internal multiplexers, to come from the Red, Green or Blue offset
and gain registers. This allows the gain and offset values for each of the input colours to be setup
individually at the start of a scan.
When register bit ACYC=0 the gain and offset multiplexers are controlled via the INTM[1:0] register
bits. When INTM=00 the red offset and gain control registers are used to control the Red input
channel, INTM=01 selects the green offset and gain registers and INTM=10 selects the blue offset
and gain registers to control the Red input channel.
When register bit ACYC=1, ‘auto-cycling’ is enabled, and the input channel switches to the next
offset and gain registers in the sequence when a pulse is applied to the RSMP input pin. The
sequence is Red
→ Green → Blue → Red… offset and gain registers applied to the single input
channel. A write to the Auto-cycle reset register (address 05h) will reset the sequence to a known
state (Red registers selected).
When auto-cycling is enabled, the RSMP pin cannot be used to control reset level clamping. The
CLMPCTRL bit may be used instead (enabled when high, disabled when low).
NB, when auto-cycling is enabled, the RSMP pin cannot be used for reset sampling (i.e. CDS must
be set to 0).
CONTROL INTERFACE
The internal control registers are programmable via the serial digital control interface. The register
contents can be read back via the serial interface on pin OP[7]/SDO.
Note: It is recommended that a software reset is carried out after the power-up sequence, before
writing to any other register. This ensures that all registers are set to their default values (as shown
in Table 7).
SERIAL INTERFACE: REGISTER WRITE
Figure 18 shows register writing in serial mode. Three pins, SCK, SDI and SEN are used. A six-bit
address (a5, 0, a3, a2, a1, a0) is clocked in through SDI, MSB first, followed by an eight-bit data
word (b7, b6, b5, b4, b3, b2, b1, b0), also MSB first. Each bit is latched on the rising edge of SCK.
When the data has been shifted into the device, a pulse is applied to SEN to transfer the data to the
appropriate internal register. Note all valid registers have address bit a4 equal to 0 in write mode.
SCK
SEN
SDI
a5
0
a3a2a1
a0b7b6b5
b4b3b2b1b0
Address
Data Word
Figure 18 Serial Interface Register Write
A software reset is carried out by writing to Address “000100” with any value of data, (i.e. Data Word
= XXXXXXXX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com