Electronic Components Datasheet Search
  English  ▼

X  

WM8213 Datasheet(PDF) 15 Page - Cirrus Logic

Part # WM8213
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8213 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button WM8213 Datasheet HTML 11Page - Cirrus Logic WM8213 Datasheet HTML 12Page - Cirrus Logic WM8213 Datasheet HTML 13Page - Cirrus Logic WM8213 Datasheet HTML 14Page - Cirrus Logic WM8213 Datasheet HTML 15Page - Cirrus Logic WM8213 Datasheet HTML 16Page - Cirrus Logic WM8213 Datasheet HTML 17Page - Cirrus Logic WM8213 Datasheet HTML 18Page - Cirrus Logic WM8213 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
Production Data
WM8213
w
PD Rev 4.1 July 2008
15
RESET LEVEL CLAMPING (RLC)
To ensure that the signal applied to the WM8213 lies within the supply voltage range (0V to AVDD)
the output signal from a CCD is usually level shifted by coupling through a capacitor, CIN. The RLC
circuit clamps the WM8213 side of this capacitor to a suitable voltage through a CMOS switch during
the CCD reset period. In order for clamping to produce sensible results the input voltage during the
clamping must be a consistent value.
The WM8213 allows the user to control the RLC switch in a variety of ways as illustrated in Figure 8.
This figure shows a single channel, however all 3 channels are identical, each with its own clamp
switch controlled by the common CLMP signal.
The method of control chosen depends upon the characteristics of the input video. The RLCEN
register bit must be set to 1 to enable clamping, otherwise the RLC switch cannot be closed (by
default RLCEN=1).
Figure 8 RLC Clamp Control Options
When an input waveform has a stable reference level on every pixel it may be desirable to clamp
every pixel during this period.
Setting CLAMPCTRL=0 means that the RLC switch is closed
whenever the RSMP input pin is high, as shown in Figure 9.
MCLK
VSMP
RSMP
RLC switch control
"CLMP"
(RLCEN=1,CLMPCTRL=0)
RLC switch closed
when RSMP=1
Video sample taken on
fallling edge of VSMP
Reset/reference sample taken
on fallling edge of RSMP
INPUT VIDEO
SIGNAL
reference
("black") level
video level
Figure 9 Reset Level Clamp Operation (CLAMPCTRL=0), CDS operation shown, non-CDS also possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com