Electronic Components Datasheet Search
  English  ▼

X  

WM8234 Datasheet(PDF) 9 Page - Cirrus Logic

Part # WM8234
Description  140MSPS 6-Channel AFE with Sensor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8234 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button WM8234 Datasheet HTML 5Page - Cirrus Logic WM8234 Datasheet HTML 6Page - Cirrus Logic WM8234 Datasheet HTML 7Page - Cirrus Logic WM8234 Datasheet HTML 8Page - Cirrus Logic WM8234 Datasheet HTML 9Page - Cirrus Logic WM8234 Datasheet HTML 10Page - Cirrus Logic WM8234 Datasheet HTML 11Page - Cirrus Logic WM8234 Datasheet HTML 12Page - Cirrus Logic WM8234 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 144 page
background image
WM8234
Rev 4.6
9
Test Conditions
AVDD = LDOVDD = DBVDD = 3.3V, AGND = LDOGND = DBGND= 0V, TA = 25C, MCLK= 23.3MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
References
Upper reference voltage
VREF1C
ADCFS=0
ADCFS=1
2.05
2.25
V
V
Lower reference voltage
VREF3C
ADCFS=0
ADCFS=1
1.25
1.05
V
V
Input return bias voltage
VREF2C
1.14
1.2
1.26
V
Diff. Reference voltage
(VREF1C-VREF3C)
VREF1C3C
ADCFS=0
0.72
0.8
0.88
V
ADCFS=1
1.00
1.2
1.35
V
Output resistance
VREF1C, VREF3C, VREF2C
1

VRLC/Reset-Level Clamp (RLC)
VRLC input voltage range
(see Note 2)
VRLC
SF_INP=0
0.11
3.0
V
SF_INP=1
0.11
1.2
RLC switching impedance
50

RLC short-circuit current
2
mA
RLC output resistance
2
RLC Hi-Z leakage current
VRLC = 0 to AVDD
1
A
RLCDAC resolution
5
bits
RLCDAC step size
VRLCSTEP
VRLC_TOP_SEL=0
0.09
V/step
VRLC_TOP_SEL=1
0.048
RLCDAC output voltage at
code 0(hex)
VRLCBOT
VRLC_TOP_SEL=0,
VRLC_VSEL[4:0]=00000
0.2
V
VRLC_TOP_SEL=1,
VRLC_VSEL[4:0]=00000
0.11
RLCDAC output voltage at
code 1F(hex)
VRLCTOP
VRLC_TOP_SEL=0,
VRLC_VSEL[4:0]=11111
3.0
V
VRLC_TOP_SEL=1,
VRLC_VSEL[4:0]=11111
1.6
VRLC DNL
0.5
LSB
VRLC INL
0.5
LSB
Offset DAC, Monotonicity Guaranteed
Resolution
8
bits
Differential non-linearity
DNL
0.5
1
LSB
Integral non-linearity
INL
0.5
1
LSB
Step size
2.04
mV/step
Output voltage
Code 00(hex)
-400
-250
-100
mV
Code FF(hex)
+100
+250
+400
DIGITAL SPECIFICATIONS
Digital Inputs
High level input voltage
VIH
0.7
AVDD
V
Low level input voltage
VIL
0.2
AVDD
V
High level input current
IIH
1
A
Low level input current
IIL
1
A
Input capacitance
CI
5
pF
CMOS Outputs
High level output voltage
VOH
IOH = 6mA
AVDD
– 0.5
V
Low level output voltage
VOL
IOL = -1mA
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com