Electronic Components Datasheet Search
  English  ▼

X  

WM8234 Datasheet(PDF) 33 Page - Cirrus Logic

Part # WM8234
Description  140MSPS 6-Channel AFE with Sensor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8234 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button WM8234 Datasheet HTML 29Page - Cirrus Logic WM8234 Datasheet HTML 30Page - Cirrus Logic WM8234 Datasheet HTML 31Page - Cirrus Logic WM8234 Datasheet HTML 32Page - Cirrus Logic WM8234 Datasheet HTML 33Page - Cirrus Logic WM8234 Datasheet HTML 34Page - Cirrus Logic WM8234 Datasheet HTML 35Page - Cirrus Logic WM8234 Datasheet HTML 36Page - Cirrus Logic WM8234 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 144 page
background image
WM8234
Rev 4.6
33
SENSOR TIMING GENERATION
The WM8234 provides two types of clock internally. C_CK* are high speed clocks, these clocks can
set the clock phase by using fine pitch phase control. P_CK* are pixel rate signals which is selected
by PO0 to PO7. The WM8234 has eleven sensor TG outputs pins. CLK1 is for clock type use only.
CLK2, CLK3, CLK4, CLK5 and CLK6 are selectable high speed type signal or pulse type signal. CLK7,
CLK8, CLK9, CLK10 and CLK11 are pulse type use only.
CK1
CK2
CK3
CK4
CK5
CK6
C_CK1
C_CK2
C_CK3
C_CK4
C_CK5
C_CK6
CK7
CK9
CK8
CK10
CK11
P_CK2
P_CK3
P_CK4
P_CK5
P_CK6
P_CK7
P_CK8
P_CK9
P_CK10
P_CK11
delay
delay
delay
delay
delay
delay
delay
delay
delay
delay
OE
OE
OE
OE
OE
OE
OE
OE
OE
OE
OE
PO0
PO1
PO3
PO4
PO5
PO6
PO7
PO2
MCLK (input)
CK1,2,3,4,5,6
(Clock Output)
tMCLKD
CK_RISE[5:0]
CK_FALL[5:0]
VSMP (Internal)
TGCK (Internal)
Pixel Counter
(Internal)
2*tPER/60
tPER
CK2-11
(Pulse output)
TCLKO_RISE[5:0]
TGCO (Internal)
Duty=50%
Duty=50%
DEL_PCK [1:0]
VSMP_RISE[5:0]
VSMP_FALL[5:0]
Figure 18 TG Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com