Electronic Components Datasheet Search
  English  ▼

X  

WM8805 Datasheet(PDF) 9 Page - Cirrus Logic

Part # WM8805
Description  8:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8805 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button WM8805 Datasheet HTML 5Page - Cirrus Logic WM8805 Datasheet HTML 6Page - Cirrus Logic WM8805 Datasheet HTML 7Page - Cirrus Logic WM8805 Datasheet HTML 8Page - Cirrus Logic WM8805 Datasheet HTML 9Page - Cirrus Logic WM8805 Datasheet HTML 10Page - Cirrus Logic WM8805 Datasheet HTML 11Page - Cirrus Logic WM8805 Datasheet HTML 12Page - Cirrus Logic WM8805 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Production Data
WM8805
w
PD, Rev 4.5, March 2009
9
CONTROL INTERFACE – 3-WIRE MODE
CSB
SCLK
SDIN
tDHO
tDSU
tCSH
tSCY
t
SCS
LSB
SDO
tDL
LSB
t
CSS
t
CSU
tCSM
t
SCR
Figure 4 Control Interface Timing – 3-Wire Serial Control Mode
Test Conditions
PVDD = 3.3V, DVDD = 3.3V, PGND = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK rising edge to CSB rising edge
tSCS
60
ns
SCLK cycle time
tSCY
80
ns
SCLK duty cycle
40/60
60/40
%
SDIN to SCLK set-up time
tDSU
20
ns
SDIN hold time from SCLK rising edge
tDHO
20
ns
SDOUT propagation delay from SCLK rising edge
tDL
5
ns
CSB pulse width high
tCSH
20
ns
SCLK to CSB low (required for read cycle) set-up time
tCSU
20
ns
CSB min (write cycle only)
tCSM
0.5* tSCY
ns
SCLK fall to CSB high
tCSR
20
ns
CSB rising/falling to SCLK rising
tCSS
20
ns
SCLK glitch suppression
tps
2
8
ns
Table 4 Control Interface Timing – 3-Wire Serial Control Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com