Electronic Components Datasheet Search
  English  ▼

X  

WM8805 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8805
Description  8:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8805 Datasheet(HTML) 1 Page - Cirrus Logic

  WM8805 Datasheet HTML 1Page - Cirrus Logic WM8805 Datasheet HTML 2Page - Cirrus Logic WM8805 Datasheet HTML 3Page - Cirrus Logic WM8805 Datasheet HTML 4Page - Cirrus Logic WM8805 Datasheet HTML 5Page - Cirrus Logic WM8805 Datasheet HTML 6Page - Cirrus Logic WM8805 Datasheet HTML 7Page - Cirrus Logic WM8805 Datasheet HTML 8Page - Cirrus Logic WM8805 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
w
WM8805
8:1 Digital Interface Transceiver with PLL
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, March 09, Rev 4.5
Copyright
©2009 Wolfson Microelectronics plc
DESCRIPTION
The WM8805 is a high performance consumer mode
S/PDIF transceiver with support for 8 received Channels
and 1 transmitted Channel.
A crystal derived, or externally provided high quality master
clock is used to allow low jitter recovery of S/PDIF supplied
master clocks.
Generation of all typically used audio clocks is possible
using the high performance internal PLL. A dedicated
CLKOUT pin provides a high drive clock output.
A pass through option is provided which allows the device
simply to be used to clean up (de-jitter) the received digital
audio signals.
The device may be used under software control or stand
alone hardware control modes. In software control mode,
both 2-wire with read back and 3-wire interface modes are
supported.
Status and error monitoring is built-in and results can be
read back over the control interface, on the GPO pins or
streamed over the audio data interface in ‘With Flags’ mode
(audio data with status flags appended).
The audio data interface supports I
2S, left justified, right
justified and DSP audio formats of 16-24 bit word length,
with sample rates from 32 to 192ks/s.
The device is supplied in a 28-lead Pb-free SSOP package.
BLOCK DIAGRAM
FEATURES
•
S/PDIF (IEC60958-3) compliant.
•
Advanced jitter attenuating PLL with low intrinsic period
jitter of 50 ps RMS.
•
S/PDIF recovered clock using PLL, or stand alone crystal
derived clock generation.
•
Supports 10 – 27MHz crystal clock frequencies.
•
2-wire / 3-Wire serial or hardware control interface.
•
Programmable Audio data interface modes:
-
I2S, Left, Right Justified or DSP
-
16/20/24 bit word lengths
•
8 channel receiver input and 1 channel transmit output.
•
Auto frequency detection / synchronisation.
•
Selectable output status data bits.
•
Up to 8 configurable GPO pins.
•
De-emphasis flag output.
•
Non-audio detection including DOLBYTM and DTSTM.
•
Channel status changed flag.
•
Configurable clock distribution with selectable output
MCLK rate of 512fs, 256fs, 128fs and 64fs.
•
2.7 to 3.6V digital and PLL supply voltages.
•
28-lead SSOP package.
APPLICATIONS
•
Surround Sound AV processors and Hi-Fi systems
•
Music industry applications
•
DVD-P/DVD-RW
•
Digital TV


Similar Part No. - WM8805

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8805 WOLFSON-WM8805 Datasheet
853Kb / 65P
8:1 Digital Interface Transceiver with PLL
WM8805GEDR WOLFSON-WM8805GEDR Datasheet
853Kb / 65P
8:1 Digital Interface Transceiver with PLL
WM8805GEDS WOLFSON-WM8805GEDS Datasheet
853Kb / 65P
8:1 Digital Interface Transceiver with PLL
More results

Similar Description - WM8805

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT6164 EXAR-XRT6164 Datasheet
495Kb / 10P
Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A Datasheet
492Kb / 10P
Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A_07 Datasheet
102Kb / 10P
Digital Line Interface Transceiver
logo
Wolfson Microelectronic...
WM8804 WOLFSON-WM8804 Datasheet
699Kb / 66P
1:1 Digital Interface Transceiver with PLL
WM8805 WOLFSON-WM8805 Datasheet
853Kb / 65P
8:1 Digital Interface Transceiver with PLL
logo
Exar Corporation
XRT6164A_0710 EXAR-XRT6164A_0710 Datasheet
122Kb / 10P
Digital Line Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
Digital Audio Interface Transceiver
logo
Exar Corporation
XRT6164 EXAR-XRT6164_10 Datasheet
114Kb / 2P
Digital Line Interface Transceiver
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
Digital Audio Interface Transceiver
logo
Cirrus Logic
WM8804 CIRRUS-WM8804 Datasheet
723Kb / 66P
1:1 Digital Interface Transceiver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com