Electronic Components Datasheet Search
  English  ▼

X  

DOC4106 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # DOC4106
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DOC4106 Datasheet(HTML) 1 Page - ATMEL Corporation

  DOC4106 Datasheet HTML 1Page - ATMEL Corporation DOC4106 Datasheet HTML 2Page - ATMEL Corporation DOC4106 Datasheet HTML 3Page - ATMEL Corporation DOC4106 Datasheet HTML 4Page - ATMEL Corporation DOC4106 Datasheet HTML 5Page - ATMEL Corporation DOC4106 Datasheet HTML 6Page - ATMEL Corporation DOC4106 Datasheet HTML 7Page - ATMEL Corporation DOC4106 Datasheet HTML 8Page - ATMEL Corporation DOC4106 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Rev. 4106F–8051–10/02
Features
MPEG I/II-Layer 3 Hardwired Decoder
– Stand-alone MP3 Decoder
– 48, 44.1, 32, 24, 22.05, 16 kHz Sampling Frequency
– Separated Digital Volume Control on Left and Right Channels (Software Control
Using 31 Steps)
– Bass, Medium, and Treble Control (31 Steps)
– Bass Boost Sound Effect
– Ancillary Data Extraction
– “CRC Error” and “MPEG Frame Synchronization” Indicators
Programmable Audio Output for Interfacing With Common Audio DAC
– PCM Format Compatible
–I
2S Format Compatible
8-bit MCU C51 Core Based (F
MAX =20MHz)
2304 Bytes of Internal RAM
64K Bytes of Code Memory
– Flash: AT89C51SND1C, ROM: AT83C51SND1C
4K Bytes of Boot Flash Memory (AT89C51SND1C)
– ISP: Download from USB or UART to Any External Memory Cards
USB Rev 1.1 Controller
– “Full Speed” Data Transmission
Built-in PLL
– MP3 Audio Clocks
–USB Clock
MultiMedia Card™ Interface Compatibility
Atmel DataFlash® SPI Interface Compatibility
IDE/ATAPI Interface
2 Channels 10-bit ADC, 8 kHz (8-True Bit)
– Battery Voltage Monitoring
– Voice Recording Controlled by Software
Up to 44 bits of General-purpose I/Os:
– 4-bit Interrupt Keyboard Port for a 4 x n Matrix
– SmartMedia™ Software Interface
Standard Two 16-bit Timers/Counters
Hardware Watchdog Timer
Standard Full Duplex UART with Baud Rate Generator
Two Wire Interface (TWI) Master and Slave Modes Controller
SPI Master and Slave Modes Controller
Power Management
– Power-on Reset
– Software Programmable MCU Clock
– Idle Mode, Power-down Mode
Operating Conditions:
–3V,
±10%, 25 mA Typical Operating at 25°C
– Temperature Range: -40
°Cto+85°C
Packages
– TQFP80, PLCC84 (Development Board)
–Dice
Description
The AT8xC51SND1C are fully integrated stand-alone hardwired MPEG I/II-Layer 3
decoders with a C51 microcontroller core handling data flow and MP3-player control.
The AT89C51SND1C includes 64K Bytes of Flash memory and allows In-System Pro-
gramming through an embedded 4K Bytes of Boot Flash Memory.
Single-Chip
Microcontroller
with MP3
Decoder and
Man-Machine
Interface
AT83C51SND1C
AT89C51SND1C
Preliminary
Summary


Similar Part No. - DOC4106

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
DOC CONNOR-WINFIELD-DOC Datasheet
718Kb / 4P
Surface Mount Oven Stabilized Oscillator DOC Series
logo
AAEON Technology
DOC-2000-D128 AAEON-DOC-2000-D128 Datasheet
626Kb / 1P
Single-chip Plug-N-Play Flash Disk
DOC-2000-D144 AAEON-DOC-2000-D144 Datasheet
626Kb / 1P
Single-chip Plug-N-Play Flash Disk
DOC-2000-D192 AAEON-DOC-2000-D192 Datasheet
626Kb / 1P
Single-chip Plug-N-Play Flash Disk
DOC-2000-D288 AAEON-DOC-2000-D288 Datasheet
626Kb / 1P
Single-chip Plug-N-Play Flash Disk
More results

Similar Description - DOC4106

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C51SND1C ATMEL-AT83C51SND1C Datasheet
791Kb / 47P
Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
AT89C51SND2C ATMEL-AT89C51SND2C Datasheet
1Mb / 236P
Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
T83C51SND1 ATMEL-T83C51SND1 Datasheet
868Kb / 60P
Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
AT83SND2C ATMEL-AT83SND2C_06 Datasheet
2Mb / 241P
Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND1C ATMEL-AT83SND1C Datasheet
458Kb / 42P
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND1C ATMEL-AT83SND1C_06 Datasheet
2Mb / 212P
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
Single-Chip MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C_05 Datasheet
2Mb / 235P
Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83C51SND1C ATMEL-AT83C51SND1C_03 Datasheet
1Mb / 210P
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
logo
Silan Microelectronics ...
SC9822P SILAN-SC9822P Datasheet
588Kb / 30P
MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com