Electronic Components Datasheet Search
  English  ▼

X  

DS4302 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS4302
Description  2-Wire, 5-Bit DAC with Three Digital Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4302 Datasheet(HTML) 8 Page - Maxim Integrated Products

  DS4302 Datasheet HTML 1Page - Maxim Integrated Products DS4302 Datasheet HTML 2Page - Maxim Integrated Products DS4302 Datasheet HTML 3Page - Maxim Integrated Products DS4302 Datasheet HTML 4Page - Maxim Integrated Products DS4302 Datasheet HTML 5Page - Maxim Integrated Products DS4302 Datasheet HTML 6Page - Maxim Integrated Products DS4302 Datasheet HTML 7Page - Maxim Integrated Products DS4302 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2-Wire, 5-Bit DAC with Three Digital Outputs
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2004 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
DALLAS is a registered trademark of Dallas Semiconductor Corporation.
2-Wire Communication
Writing to a Slave: The master must generate a START
condition, write the slave address (R/W = 0), write the
memory address, write the byte of data, and generate a
STOP condition. Remember the master must read the
slave’s acknowledgement during all byte-write opera-
tions. See Figure 2 for the write command example.
Reading from a Slave: To read from the slave, the
master generates a START condition, writes the slave
address with R/W = 1, receives an ACK from the slave,
reads a memory address of 00h from the slave, sends
an ACK to the slave, reads the data byte, then sends
an ACK to indicate the end of the transfer, and gener-
ates a STOP condition. See Figure 2 for the read com-
mand example.
Application Information
Power-Supply Decoupling
To achieve the best results when using the DS4302,
decouple the power supply with a 0.01µF or a 0.1µF
capacitor. Use high-quality, ceramic, surface-mount
capacitors, and mount the capacitors as close as pos-
sible to the VCC and GND pins of the DS4302 to mini-
mize lead inductance.
SDA and SCL Pullup Resistors
Pullup resistor values for SDA and SCL should be cho-
sen to ensure that the rise and fall times listed in the AC
electrical characteristics are within specification.
Package Information
For the latest package outline information, go to
www.maxim-ic.com/DallasPackInfo.
Chip Information
TRANSISTOR COUNT: 2428
SUBSTRATE CONNECTED TO GROUND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com