Electronic Components Datasheet Search
  English  ▼

X  

DS4302 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS4302
Description  2-Wire, 5-Bit DAC with Three Digital Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4302 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS4302 Datasheet HTML 1Page - Maxim Integrated Products DS4302 Datasheet HTML 2Page - Maxim Integrated Products DS4302 Datasheet HTML 3Page - Maxim Integrated Products DS4302 Datasheet HTML 4Page - Maxim Integrated Products DS4302 Datasheet HTML 5Page - Maxim Integrated Products DS4302 Datasheet HTML 6Page - Maxim Integrated Products DS4302 Datasheet HTML 7Page - Maxim Integrated Products DS4302 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2-Wire, 5-Bit DAC with Three Digital Outputs
4
_____________________________________________________________________
Typical Operating Characteristics
(VCC = +5.0V, TA = +25°C.)
STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTGE
SUPPLY VOLTAGE (V)
5.25
5.00
4.75
50
100
150
200
250
300
0
4.50
5.50
OUTPUTS UNLOADED
SDA = SCL = VCC
STANDBY SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
20
40
60
0
-20
50
100
150
200
250
300
0
-40
80
OUTPUTS UNLOADED
SDA = SCL = VCC = 5.0V
SUPPLY CURRENT
vs. SCL FREQUENCY
SCL FREQUENCY (kHz)
300
200
100
50
100
150
200
250
300
0
0400
OUTPUTS UNLOADED
SDA = VCC
VOUT vs. DAC SETTING
DAC SETTING (dec)
30
25
20
15
10
5
0.5
1.0
1.5
2.0
0
0
DS4302-020 VERSION
VOUT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.25
5.00
4.75
1.95
2.00
2.05
2.10
1.90
4.50
5.50
VCC = SDA = SCL
VOUT PERCENT CHANGE FROM +25°C
vs. TEMPERATURE
TEMPERATURE (°C)
80
60
40
20
0
-20
-0.5
0
0.5
1.0
-1.0
-40
VCC = SDA = SCL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com