Electronic Components Datasheet Search
  English  ▼

X  

DS4302 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS4302
Description  2-Wire, 5-Bit DAC with Three Digital Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4302 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS4302 Datasheet HTML 1Page - Maxim Integrated Products DS4302 Datasheet HTML 2Page - Maxim Integrated Products DS4302 Datasheet HTML 3Page - Maxim Integrated Products DS4302 Datasheet HTML 4Page - Maxim Integrated Products DS4302 Datasheet HTML 5Page - Maxim Integrated Products DS4302 Datasheet HTML 6Page - Maxim Integrated Products DS4302 Datasheet HTML 7Page - Maxim Integrated Products DS4302 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2-Wire, 5-Bit DAC with Three Digital Outputs
_____________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
µs
Low Period of SCL
tLOW
1.3
µs
High Period of SCL
tHIGH
0.6
µs
Data Hold Time
tHD:DAT
0
0.9
µs
Data Setup Time
tSU:DAT
100
ns
Start Setup Time
tSU:STA
0.6
µs
SDA and SCL Rise Time
tR
(Note 5)
20 + 0.1CB
300
ns
SDA and SCL Fall Time
tF
(Note 5)
20 + 0.1CB
300
ns
Stop Setup Time
tSU:STO
0.6
µs
SDA and SCL Capacitive
Loading
CB
(Note 5)
400
pF
AC ELECTRICAL CHARACTERISTICS (Figure 3)
(VCC = +4.5V to 5.5V, TA = -40°C to +85°C, timing referenced to VIL(MAX) and VIH(MIN).)
Note 1: All voltages referenced to ground.
Note 2: ISTBY specified for the inactive state measured with SDA = SCL = VCC and with VOUT, P0, P1, and P2 floating.
Note 3: No load on VOUT.
Note 4: The DS4302 will not obstruct the SDA and SCL lines if VCC is switched off as long as the voltages applied to these inputs
does not violate their min and max input-voltage levels.
Note 5: CB—total capacitance of one bus line in picofarads.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com