Electronic Components Datasheet Search
  English  ▼

X  

DS4302 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS4302
Description  2-Wire, 5-Bit DAC with Three Digital Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4302 Datasheet(HTML) 6 Page - Maxim Integrated Products

  DS4302 Datasheet HTML 1Page - Maxim Integrated Products DS4302 Datasheet HTML 2Page - Maxim Integrated Products DS4302 Datasheet HTML 3Page - Maxim Integrated Products DS4302 Datasheet HTML 4Page - Maxim Integrated Products DS4302 Datasheet HTML 5Page - Maxim Integrated Products DS4302 Datasheet HTML 6Page - Maxim Integrated Products DS4302 Datasheet HTML 7Page - Maxim Integrated Products DS4302 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Detailed Description
The DS4302 contains a 5-bit DAC and three programma-
ble digital outputs. The DAC setting and the pro-
grammed output levels are contained in a 1-byte data
word that defaults to 00h on power-up (see Figure 1 for
data byte configuration). The upper 5 MSbits of the byte
set the DAC and control the voltage produced on VOUT.
A setting of 1111 1XXX sets the minimum output voltage
from the DAC while a setting of 0000 0XXX sets the maxi-
mum output voltage from the DAC. The three LSbits of
the data byte control the three output pins, P0, P1, and
P2. Setting any of these control bits to a 0 pulls the corre-
sponding outputs low and setting the bits to a 1 pulls the
outputs high.
The DS4302 communicates through a 2-wire (SMBus-
compatible) digital interface and has a 2-wire address of
58h. Write and read operations are used to access the
DAC and output settings. Each operation begins with a
2-wire START condition, consists of three bytes, and
ends with a 2-wire STOP condition (see Figure 2). Using
the write operation, the 2-wire master can program the
5-bit DAC to adjust the voltage on VOUT and set the
level of the three output pins: P0, P1, and P2. The read
operation is used to recall the programmed settings.
2-Wire Definitions
The following terminology is commonly used to
describe 2-wire data transfers.
Master Device: The master device controls the slave
devices on the bus. The master device generates SCL
clock pulses, START, and STOP conditions.
Slave Devices: Slave devices send and receive data
at the master’s request.
Bus Idle or Not Busy: Time between STOP and START
conditions when both SDA and SCL are inactive and in
their logic-high states. When the bus is idle, it initiates a
low-power mode for slave devices.
START Condition: A START condition is generated by
the master to initiate a new data transfer with a slave.
Transitioning SDA from high to low while SCL remains
high generates a START condition. See Figure 3 for
applicable timing.
STOP Condition: A STOP condition is generated by the
master to end a data transfer with a slave. Transitioning
SDA from low to high while SCL remains high generates
a STOP condition. See Figure 3 for applicable timing.
Bit Write: Transitions of SDA must occur during the low
state of SCL. The data on SDA must remain valid and
unchanged during the entire high pulse of SCL plus the
setup and hold time requirements (see Figure 3). Data is
shifted into the device during the rising edge of the SCL.
2-Wire, 5-Bit DAC with Three Digital Outputs
6
_____________________________________________________________________
DATA BYTE
MSB
DAC VALUE
P0
P2
P1
Figure 1. Data Byte Configuration
Figure 2. 2-Wire Communication Examples
S
P
A
START
8-BITS ADDRESS OR DATA
STOP
ACK
WHITE BOXES INDICATE THE MASTER IS
CONTROLLING SDA
SHADED BOXES INDICATE THE SLAVE IS
CONTROLLING SDA
WRITE A SINGLE BYTE
AAh
READ A SINGLE BYTE
00h
59h
58h
COMMUNICATIONS KEY
S
XXX
X
XXX
X
010
1
100
0
A
DATA BYTE
A
P
NOTES:
1) ALL BYTES ARE SENT MOST SIGNIFICANT BIT FIRST.
2) THE FIRST BYTE SENT AFTER A START CONDITION IS
ALWAYS THE SLAVE ADDRESS FOLLOWED BY THE
READ/WRITE BIT.
0000
1111
S
01011001
A
A
DATA BYTE
A
P
00
0
0
0000
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com