Electronic Components Datasheet Search
  English  ▼

X  

FLEX8000 Datasheet(PDF) 1 Page - Altera Corporation

Part # FLEX8000
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX8000 Datasheet(HTML) 1 Page - Altera Corporation

  FLEX8000 Datasheet HTML 1Page - Altera Corporation FLEX8000 Datasheet HTML 2Page - Altera Corporation FLEX8000 Datasheet HTML 3Page - Altera Corporation FLEX8000 Datasheet HTML 4Page - Altera Corporation FLEX8000 Datasheet HTML 5Page - Altera Corporation FLEX8000 Datasheet HTML 6Page - Altera Corporation FLEX8000 Datasheet HTML 7Page - Altera Corporation FLEX8000 Datasheet HTML 8Page - Altera Corporation FLEX8000 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
®
Altera Corporation
1
FLEX 8000
Programmable Logic
Device Family
September 1998, ver. 9.11
Data Sheet
A-DS-F8000-09.11
3
Features...
s
Low-cost, high-density, register-rich CMOS programmable logic
device (PLD) family (see Table 1)
–
2,500 to 16,000 usable gates
–
282 to 1,500 registers
s
System-level features
–
In-circuit reconfigurability (ICR) via external Configuration
EPROM or intelligent controller
–
Fully compliant with the peripheral component interconnect
(PCI) standard
–
Built-in Joint-Test Action Group (JTAG) boundary-scan test (BST)
circuitry compliant with IEEE Std. 1149.1-1990 on selected devices
–
MultiVolt™ I/O interface enabling device core to run at 5.0 V,
while I/O pins are compatible with 5.0-V and 3.3-V logic levels
–
Low power consumption (typical specification less than 0.5 mA
in standby mode)
s
Flexible interconnect
–
FastTrack™ Interconnect continuous routing structure for fast,
predictable interconnect delays
–
Dedicated carry chain that implements arithmetic functions such
as fast adders, counters, and comparators (automatically used by
software tools and megafunctions)
–
Dedicated cascade chain that implements high-speed, high-fan-in
logic functions (automatically used by software tools and
megafunctions)
–
Tri-state emulation that implements internal tri-state nets
s
Powerful I/O pins
–
Programmable output slew-rate control reduces switching noise
s
Peripheral register for fast setup and clock-to-output delay
Table 1. FLEX 8000 Device Features
Feature
EPF8282A
EPF8282AV
EPF8452A
EPF8636A
EPF8820A
EPF81188A EPF81500A
Usable gates
2,500
4,000
6,000
8,000
12,000
16,000
Flipflops
282
452
636
820
1,188
1,500
Logic array blocks (LABs)
26
42
63
84
126
162
Logic elements (LEs)
208
336
504
672
1,008
1,296
Maximum user I/O pins
78
120
136
152
184
208
JTAG BST circuitry
Yes
No
Yes
Yes
No
Yes


Similar Part No. - FLEX8000

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
FLEX8000 ALTERA-FLEX8000 Datasheet
957Kb / 62P
Programmable Logic Device Family
FLEX8000 ALTERA-FLEX8000 Datasheet
962Kb / 62P
Programmable Logic Device Family
FLEX8000 ALTERA-FLEX8000_1 Datasheet
957Kb / 62P
Programmable Logic Device Family
More results

Similar Description - FLEX8000

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7064SLC44-10N ALTERA-EPM7064SLC44-10N Datasheet
1Mb / 66P
Programmable Logic Device Family
EPF6016TC144-3 ALTERA-EPF6016TC144-3 Datasheet
405Kb / 52P
Programmable Logic Device Family
EPM7064LC68-15 ALTERA-EPM7064LC68-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7064STC44-10 ALTERA-EPM7064STC44-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7192SQI160-10 ALTERA-EPM7192SQI160-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EP20K30ETC144-2N ALTERA-EP20K30ETC144-2N Datasheet
724Kb / 117P
Programmable Logic Device Family
EPM3256AQI208-10 ALTERA-EPM3256AQI208-10 Datasheet
715Kb / 46P
Programmable Logic Device Family
EPM7256SQC208-15 ALTERA-EPM7256SQC208-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7064LC84-7 ALTERA-EPM7064LC84-7 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7160SLC84-10 ALTERA-EPM7160SLC84-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com