Electronic Components Datasheet Search
  English  ▼

X  

FLEX8000 Datasheet(PDF) 32 Page - Altera Corporation

Part # FLEX8000
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX8000 Datasheet(HTML) 32 Page - Altera Corporation

Back Button FLEX8000 Datasheet HTML 28Page - Altera Corporation FLEX8000 Datasheet HTML 29Page - Altera Corporation FLEX8000 Datasheet HTML 30Page - Altera Corporation FLEX8000 Datasheet HTML 31Page - Altera Corporation FLEX8000 Datasheet HTML 32Page - Altera Corporation FLEX8000 Datasheet HTML 33Page - Altera Corporation FLEX8000 Datasheet HTML 34Page - Altera Corporation FLEX8000 Datasheet HTML 35Page - Altera Corporation FLEX8000 Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
32
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
Timing Model
The continuous, high-performance FastTrack Interconnect routing
structure ensures predictable performance and accurate simulation and
timing analysis. This predictable performance contrasts with that of
FPGAs, which use a segmented connection scheme and hence have
unpredictable performance. Timing simulation and delay prediction are
available with the MAX+PLUS II Simulator and Timing Analyzer, or with
industry-standard EDA tools. The Simulator offers both pre-synthesis
functional simulation to evaluate logic design accuracy and post-
synthesis timing simulation with 0.1-ns resolution. The Timing Analyzer
provides point-to-point timing delay information, setup and hold time
prediction, and device-wide performance analysis.
Tables 8 through 11 describe the FLEX 8000 timing parameters and their
symbols.
Table 8. FLEX 8000 Internal Timing Parameters
Note (1)
Symbol
Parameter
tIOD
IOE register data delay
tIOC
IOE register control signal delay
tIOE
Output enable delay
tIOCO
IOE register clock-to-output delay
tIOCOMB IOE combinatorial delay
tIOSU
IOE register setup time before clock; IOE register recovery time after asynchronous clear
tIOH
IOE register hold time after clock
tIOCLR
IOE register clear delay
tIN
Input pad and buffer delay
tOD1
Output buffer and pad delay, slow slew rate = off, VCCIO = 5.0 V, C1 = 35 pF, Note (2)
tOD2
Output buffer and pad delay, slow slew rate = off, VCCIO = 3.3 V, C1 = 35 pF, Note (2)
tOD3
Output buffer and pad delay, slow slew rate = on, C1 = 35 pF,
Note (3)
tXZ
Output buffer disable delay, C1 = 5 pF
tZX1
Output buffer enable delay, slow slew rate = off, VCCIO = 5.0 V, C1 = 35 pF, Note (2)
tZX2
Output buffer enable delay, slow slew rate = off, VCCIO = 3.3 V, C1 = 35 pF, Note (2)
tZX3
Output buffer enable delay, slow slew rate = on, C1 = 35 pF,
Note (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com