Electronic Components Datasheet Search
  English  ▼

X  

FLEX8000 Datasheet(PDF) 28 Page - Altera Corporation

Part # FLEX8000
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX8000 Datasheet(HTML) 28 Page - Altera Corporation

Back Button FLEX8000 Datasheet HTML 24Page - Altera Corporation FLEX8000 Datasheet HTML 25Page - Altera Corporation FLEX8000 Datasheet HTML 26Page - Altera Corporation FLEX8000 Datasheet HTML 27Page - Altera Corporation FLEX8000 Datasheet HTML 28Page - Altera Corporation FLEX8000 Datasheet HTML 29Page - Altera Corporation FLEX8000 Datasheet HTML 30Page - Altera Corporation FLEX8000 Datasheet HTML 31Page - Altera Corporation FLEX8000 Datasheet HTML 32Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
28
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
FLEX 8000 5.0-V Device DC Operating Conditions
Notes (5), (6)
FLEX 8000 5.0-V Device Capacitance
Note (8)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High-level input voltage
2.0
VCCINT +
0.3
V
VIL
Low-level input voltage
–0.3
0.8
V
VOH
5.0-V high-level TTL output
voltage
IOH = –4 mA DC, Note (7)
VCCIO = 4.75 V
2.4
V
3.3-V high-level TTL output
voltage
IOH = –4 mA DC, Note (7)
VCCIO = 3.00 V
2.4
V
3.3-V high-level CMOS output
voltage
IOH = –0.1 mA DC, Note (7)
VCCIO = 3.00 V
VCCIO – 0.2
V
VOL
5.0-V low-level TTL output voltage IOL = 12 mA DC, Note (7)
VCCIO = 4.75 V
0.45
V
3.3-V low-level TTL output voltage IOL = 12 mA DC, Note (7)
VCCIO = 3.00 V
0.45
V
3.3-V low-level CMOS output
voltage
IOL = 0.1 mA DC, Note (7)
VCCIO = 3.00 V
0.2
V
II
Input leakage current
VI = VCC or ground
–10
10
µA
IOZ
Tri-state output off-state current
VO = VCC or ground
–40
40
µA
ICC0
VCC supply current (standby)
VI = ground, no load
0.5
10
mA
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input capacitance
VIN = 0 V, f = 1.0 MHz
10
pF
COUT
Output capacitance
VOUT = 0 V, f = 1.0 MHz
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com