Electronic Components Datasheet Search
  English  ▼

X  

FLEX8000 Datasheet(PDF) 52 Page - Altera Corporation

Part # FLEX8000
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX8000 Datasheet(HTML) 52 Page - Altera Corporation

Back Button FLEX8000 Datasheet HTML 48Page - Altera Corporation FLEX8000 Datasheet HTML 49Page - Altera Corporation FLEX8000 Datasheet HTML 50Page - Altera Corporation FLEX8000 Datasheet HTML 51Page - Altera Corporation FLEX8000 Datasheet HTML 52Page - Altera Corporation FLEX8000 Datasheet HTML 53Page - Altera Corporation FLEX8000 Datasheet HTML 54Page - Altera Corporation FLEX8000 Datasheet HTML 55Page - Altera Corporation FLEX8000 Datasheet HTML 56Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
52
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
Operating Modes
The FLEX 8000 architecture uses SRAM elements that require
configuration data to be loaded whenever the device powers up and
begins operation. The process of physically loading the SRAM
programming data into the device is called configuration. During
initialization, which occurs immediately after configuration, the device
resets registers, enables I/O pins, and begins to operate as a logic device.
The I/O pins are tri-stated during power-up, and before and during
configuration. The configuration and initialization processes together are
called command mode; normal device operation is called user mode.
SRAM elements allow FLEX 8000 devices to be reconfigured in-circuit
with new programming data that is loaded into the device. Real-time
reconfiguration is performed by forcing the device into command mode
with a device pin, loading different programming data, reinitializing the
device, and resuming user-mode operation. The entire reconfiguration
process requires less than 100 ms and can be used to dynamically
reconfigure an entire system. In-field upgrades can be performed by
distributing new configuration files.
Configuration Schemes
The configuration data for a FLEX 8000 device can be loaded with one of
six configuration schemes, chosen on the basis of the target application.
Both active and passive schemes are available. In the active configuration
schemes, the FLEX 8000 device functions as the controller, directing the
loading operation, controlling external EPROM devices, and completing
the loading process. The clock source for all active configuration schemes
is an oscillator on the FLEX 8000 device that operates between 2 MHz and
6 MHz. In the passive configuration schemes, an external controller
guides the FLEX 8000 device. Table 14 shows the data source for each of
the six configuration schemes.
Table 14. Data Source for Configuration
Configuration Scheme
Acronym
Data Source
Active serial
AS
Altera Configuration EPROM
Active parallel up
APU
Parallel EPROM
Active parallel down
APD
Parallel EPROM
Passive serial
PS
Serial data path
Passive parallel synchronous
PPS
Intelligent host
Passive parallel asynchronous
PPA
Intelligent host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com