Electronic Components Datasheet Search
  English  ▼

X  

EC49016 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EC49016
Description  Standalone Linear Lithium Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC49016 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EC49016 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 6Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 7Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EC49016
Standalone Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 8
2006/05/18
Electrical Characteristics (Continued)
VIN = 5V; TJ = 25°C; unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VUV
VCC Undervoltage Lockout Threshold
From VCC Low to High
—
3.4
—
V
VUVHYS
VCC Undervoltage Lockout Hysteresis
—
170
—
mV
PROG Pin Rising
—
1.25
—
V
VMSD
Manual Shutdown Threshold Voltage
PROG Pin Falling
—
1.2
—
V
VCC from Low to High
—
100
—
mV
VASD
VCC – VBAT Lockout Threshold Voltage
VCC from High to Low
—
30
—
mV
RPROG = 10k
(4)
—
0.1
—
mA/mA
ITERM
C/10 Termination Current Threshold
RPROG = 2k
—
0.1
—
mA/mA
VPROG
PROG Pin Voltage
RPROG = 10k, Current Mode
0.9
1.03
1.1
V
ICHRG
CHRG Pin Weak Pull-Down Current
VCHRG = 5V
8
20
40
µA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
—
0.35
0.8
V
Δ
VRECHRG
Recharge Battery Threshold Voltage
VFLOAT - VRECHRG
—
100
—
mV
TLIM
Thermal Protection Temperature
—
120
—
°C
tSS
Soft-Start Time
IBAT = 0 to 1000V/RPROG
—
100
—
µs
tRECHARGE
Recharge Comparator Filter Time
VBAT High to Low
—
2
—
ms
tTERM
Termination Comparator Filter Time
IBAT Falling Below ICHG/10
—
1000
—
µs
IPROG
PROG Pin Pull-Up Current
—
1
—
µA
Note 1:
Exceeding the absolute maximum rating may damage the device.
Note 2
: The device is not guaranteed to function outside its operating rating.
Note 3:
Supply current includes PROG pin current (approximately 100µA) but does not include any current delivered to the
battery through the BAT pin (approximately 100mA).
Note 4:
ITERM is expressed as a fraction of measured full charge current with indicated PROG resistor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com