Electronic Components Datasheet Search
  English  ▼

X  

EC49016 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EC49016
Description  Standalone Linear Lithium Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC49016 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EC49016 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 6Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 7Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EC49016
Standalone Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 8
2006/05/18
Operation
The EC49016 is a single cell lithium-ion battery charger using a constant-current/constant-voltage algorithm. It can
deliver up to 800mA of charge current (using a good thermal PCB layout) with a final float voltage accuracy of ±1%.
The EC49016 includes an internal P-channel power MOSFET and thermal regulation circuitry. No blocking diode or
external current sense resistor is required; thus, the basic charger circuit requires only two external components.
Furthermore, the EC49016 is capable of operating from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VCC pin rises above the UVLO threshold level and a 1% program
resistor is connected from the PROG pin to ground or when a battery is connected to the charger output. If the BAT pin
is less than 2.8V, the charger enters trickle charge mode. In this mode, the EC49016 supplies approximately 1/10 the
programmed charge current to bring the battery voltage up to a safe level for full current charging.
When the BAT pin voltage rises above 2.8V, the charger enters constant-current mode, where the programmed charge
current is supplied to the battery. When the BAT pin approaches the final float voltage (4.2V), the EC49016 enters
constant-voltage mode and the charge current begins to decrease. When the charge current drops to 1/10 of the
programmed value, the charge cycle ends.
Programming Charge Current
The charge current is programmed using a single resistor from the PROG pin to ground. The battery charge current is
1100 times the current out of the PROG pin. The program resistor and the charge current are calculated using the
following equations:
PROG
CHG
CHG
PROG
R
V
I
I
V
R
1100
,
1100
=
=
,
The charge current out of the BAT pin can be determined at any time by monitoring the PROG pin voltage using the
following equation:
1100
•
=
PROG
PROG
BAT
R
V
I
Charge Termination
A charge cycle is terminated when the charge current falls to 1/10th the programmed value after the final float voltage
is reached. This condition is detected by using an internal, filtered comparator to monitor the PROG pin. When the
PROG pin voltage falls below 100mV for longer than tTERM (typically 1ms), charging is terminated. The charge current is
latched off and the EC49016 enters standby mode, where the input supply current drops to 200mA. (Note: C/10
termination is disabled in trickle charging and thermal limiting modes).When charging, transient loads on the BAT pin
can cause the PROG pin to fall below 100mV for short periods of time before the DC charge current has dropped to
1/10th the programmed value. The 1ms filter time (tTERM) on the termination comparator ensures that transient loads of
this nature do not result in premature charge cycle termination. Once the average charge current drops below 1/10th
the programmed value, the EC49016 terminates the charge cycle and ceases to provide any current through the BAT
pin. In this state, all loads on the BAT pin must be supplied by the battery.The EC49016 constantly monitors the BAT
pin voltage in standby mode. If this voltage drops below the 4.05V recharge threshold (VRECHRG), another charge cycle
begins and current is once again supplied to the battery. To manually restart a charge cycle when in standby mode, the
input voltage must be removed and reapplied, or the charger must be shut down and restarted using the PROG pin.
Figure 1 shows the state diagram of a typical charge cycle.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com