Electronic Components Datasheet Search
  English  ▼

X  

EC49016 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EC49016
Description  Standalone Linear Lithium Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC49016 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EC49016 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 6Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 7Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EC49016
Standalone Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 8
2006/05/18
Float Voltage vs Supply Voltage
4.185
4.190
4.195
4.200
4.205
4.210
4.215
4.220
4.225
4.230
4.0
4.5
5.0
5.5
6.0
6.5
VCC (V)
RPROG=10k
TA=25℃
Charge Current vs Supply Voltage
0
100
200
300
400
500
600
4.04.5
5.05.5
6.0
6.5
7.0
VCC (V)
RPROG=2k
RPROG=10k
VBAT=4V
TA=25℃
ONSET OF
THERMAL
REGULATION
Trickle Charge Current vs Supply Voltage
0
10
20
30
40
50
60
70
4.0
4.5
5.0
5.5
6.0
6.5
7.0
VCC (V)
RPROG=2k
VBAT=2.5V
TA=25℃
RPROG=10k
Float Voltage vs Temperature
4.185
4.190
4.195
4.200
4.205
4.210
4.215
20
40
60
80
100
120
Temperature (℃)
EC49016
VCC
BAT
PROG
GND
4.2V
Li-Ion
Battery
1.65K
600mA
VIN
4.5V to 6.5V
600mA Single Cell Li-Ion Charger
LED
330
CHRG
Figure 1.
Figure 2.
Figure 3.
Figure 4.
Typical Performance Characteristics
Application Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com