Electronic Components Datasheet Search
  English  ▼

X  

EC49016 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EC49016
Description  Standalone Linear Lithium Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC49016 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EC49016 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 6Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 7Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EC49016
Standalone Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 8
2006/05/18
Package
Part Number
Marking
Marking Information
SOT-23-5L
EC49016B2-F
016b
Starting with 6, a bar on top
of 6 is for production year 2005,
and underlined 6 is for year
2006.
The
naming
pattern
continues
with
consecutive
characters for later years.
The last character is the week
code. (A-Z: 1-26, a-z: 27-52)
A dot on top right corner is for
lead-free process.
Introduction
(General Description)
EC49016 is a complete constant-current & constant
voltage linear charger for single cell lithium-ion
batteries. Its SOT-23 package and low external
component count make EC49016 ideally suited for
portable applications. Furthermore, the EC49016 is
specifically designed to work within USB power
specification. At the same time, EC49016 can also be
used in the standalone lithium-ion battery charger.
No external sense resistor is needed, and no
blocking diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charger
current to limit the die temperature during high power
operation or high ambient temperature. The charge
voltage is fixed at 4.2V, and the charge current can be
programmed externally with a single resistor. The
EC49016 automatically terminates the charge cycle
when the charge current drops to 1/10
th
the
programmed value after the final float voltage is
reached.
When the input supply (wall adapter or USB supply)
is removed, the EC49016 automatically enters a low
current stage, dropping the battery drain current to less
than 2μA. The EC49016 can be put into shutdown
mode, reducing the supply current to 20μA.
Other features include charge current monitor,
under-voltage lockout, automatic recharge and a status
pin to indicate charge termination and the presence of
an input voltage.
Features
Programmable Charge Current Up to 800mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Constant-Current/Constant-Voltage Operation
with Thermal Protection to Maximize Charge
Rate without Risk of Overheating
Charges Single Cell Li-ion Batteries Directly
from USB Port
Preset 4.2V Charge Voltage with +-1% Accuracy
20μA Supply Current in Shutdown
2.9V Trickle Charge Threshold
Available Without Trickle Charge
Soft-Start Limits Inrush Current
Available in 5-Lead SOT-23 Package
Applications
Cellular Telephones, PDA, MP3 Players
Charging Docks and Cradles
Bluetooth Applications
Pin Configuration
Ordering/Marking Information
Ordering Information
EC49016X - F
Package: B2 = SOT-23-5L
F: Lead-Free


Similar Part No. - EC49016

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49016 E-CMOS-EC49016 Datasheet
195Kb / 10P
Standalone Linear Lithium Battery Charger
EC49016B2-F E-CMOS-EC49016B2-F Datasheet
195Kb / 10P
Standalone Linear Lithium Battery Charger
More results

Similar Description - EC49016

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE9016 SEAWARD-SE9016 Datasheet
312Kb / 8P
Standalone Linear Lithium Battery Charger
SE9020C SEAWARD-SE9020C Datasheet
310Kb / 8P
Standalone Linear Lithium Battery Charger
SE9017 SEAWARD-SE9017 Datasheet
408Kb / 11P
Standalone Linear Lithium Battery Charger
SE9016 SEAWARD-SE9016_12 Datasheet
436Kb / 10P
Standalone Linear Lithium Battery Charger
SE9017_0912 SEAWARD-SE9017_0912 Datasheet
409Kb / 11P
Standalone Linear Lithium Battery Charger
SE9020 SEAWARD-SE9020_10 Datasheet
362Kb / 9P
Standalone Linear Lithium Battery Charger
SE9021 SEAWARD-SE9021 Datasheet
368Kb / 8P
Standalone Linear Lithium Battery Charger
SE9022 SEAWARD-SE9022 Datasheet
353Kb / 7P
Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49017 E-CMOS-EC49017 Datasheet
387Kb / 11P
Standalone Linear Lithium Battery Charger
logo
SHOUDING Shouding Semic...
SD8017 SHOUDING-SD8017 Datasheet
1Mb / 9P
Standalone Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com