Electronic Components Datasheet Search
  English  ▼

X  

HCPL3140 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL3140
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3140 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL3140 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Electrical Specifications (DC)
Over recommended operating conditions unless otherwise specified.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
High Level Output Current
IOH
0.2
A
Vo = VCC- 4
2
5
0.4
0.5
Vo = VCC-10
3
2
Low Level Output Current
IOL
0.2
0.4
A
Vo = VEE+2.5
5
5
0.4
0.5
Vo = VEE+10
6
2
High Level Output Voltage
VOH
VCC-4
VCC-1.8
V
Io = -100 mA
1
6,7
Low Level Output Voltage
VOL
0.4
1
V
Io = 100 mA
4
High Level Supply Current
ICCH
0.7
3
mA
Io = 0 mA
7,8
14
Low Level Supply Current
ICCL
1.2
3
mA
Io = 0 mA
Threshold Input Current
IFLH
7
mA
Io = 0 mA,
9,15
Low to High
Vo>5 V
Threshold Input Voltage
VFHL
0.8
V
High to Low
Input Forward Voltage
VF
1.2
1.5
1.8
V
IF = 10 mA
16
Temperature Coefficient of
DVF/DTA
–1.6
mV/
°C
Input Forward Voltage
Input Reverse Breakdown
BVR
5V
IR = 10 µA
Voltage
Input Capacitance
CIN
60
pF
f = 1 MHz,
VF = 0 V
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Power Supply
VCC -VEE
10
30
V
Input Current (ON)
IF(ON)
812
mA
Input Voltage (OFF)
VF(OFF)
- 3.0
0.8
V
Operating Temperature
TA
- 40
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com