Electronic Components Datasheet Search
  English  ▼

X  

HCPL3140 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL3140
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3140 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL3140 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Selecting the Gate Resistor (Rg)
Step 1: Calculate Rg minimum from the IOL peak specification. The IGBT
and Rg in Figure 19 can be analyzed as a simple RC circuit with a
voltage supplied by the HCPL-3140/HCPL-0314.
The VOL value of 5 V in the previous equation is the VOL at the peak
current of 0.6A. (See Figure 6).
Step 2: Check the HCPL-3140/HCPL-0314 power dissipation and
increase Rg if necessary. The HCPL-3140/HCPL-0314 total power
dissipation (PT) is equal to the sum of the emitter power (PE) and the
output power (PO).
PT = PE + PO
PE = IF
• VF • Duty Cycle
PO = PO(BIAS) + PO(SWITCHING) = ICC
• VCC + ESW (Rg,Qg)• f
= (ICCBIAS + KICC
• Qg • f) • VCC + ESW (Rg,Qg) • f
where KICC
• Qg • f is the increase in ICC due to switching and KICC is a
constant of 0.001 mA/(nC*kHz). For the circuit in Figure 19 with IF
(worst case) = 10 mA, Rg = 32
Ω, Max Duty Cycle = 80%,
Qg = 100 nC, f = 20 kHz and TAMAX = 85°C:
PE = 10 mA
• 1.8 V • 0.8 = 14 mW
PO = (3 mA + (0.001 mA/(nC
• kHz)) • 20 kHz • 100 nC) • 24 V +
0.4
µJ • 20 kHz = 80 mW
< 260 mW (PO(MAX) @ 85°C)
The value of 3 mA for ICC in the previous equation is the max. ICC over
entire operating temperature range.
Since PO for this case is less than PO(MAX), Rg = 32 Ω is alright for the
power dissipation.
=
24 V – 5 V
0.6A
= 32
Ω
Figure 20. Energy Dissipated in the
HCPL-0314 and for Each IGBT Switching
Cycle.
LED Drive Circuit Considerations for
Ultra High CMR Performance
Without a detector shield, the
dominant cause of optocoupler
CMR failure is capacitive
coupling from the input side of
the optocoupler, through the
package, to the detector IC
as shown in Figure 21. The
HCPL-3140/HCPL-0314 improves
CMR performance by using a
detector IC with an optically
transparent Faraday shield, which
diverts the capacitively coupled
current away from the sensitive
IC circuitry. However, this shield
does not eliminate the capacitive
coupling between the LED and
opto-coupler pins 5-8 as shown in
Figure 22. This capacitive
coupling causes perturbations in
the LED current during common
mode transients and becomes the
major source of CMR failures for
a shielded optocoupler. The main
design objective of a high CMR
LED drive circuit becomes
keeping the LED in the proper
state (on or off ) during common
mode transients. For example,
the recommended application
circuit (Figure 19), can achieve
10 kV/
µs CMR while minimizing
component complexity.
Techniques to keep the LED in
the proper state are discussed in
the next two sections.
Rg
≥
VCC – VOL
IOLPEAK
0
0
Rg – GATE RESISTANCE –
Ω
100
1.5
20
4.0
40
1.0
60
80
3.5
Qg = 50 nC
Qg = 100 nC
Qg = 200 nC
Qg = 400 nC
3.0
2.0
0.5
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com