Electronic Components Datasheet Search
  English  ▼

X  

HCPL3140 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL3140
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3140 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL3140 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Figure 10. Propagation Delay vs. VCC.
Figure 11. Propagation Delay vs. IF.
Figure 12. Propagation Delay vs.
Temperature.
Figure 13. Propagation Delay vs. Rg.
Figure 14. Propagation Delay vs. Cg.
Figure 15. Transfer Characteristics.
Figure 16. Input Current vs. Forward Voltage.
6
0
IF – FORWARD LED CURRENT – mA
18
400
915
12
100
200
300
-50
0
TA – TEMPERATURE – °C
125
-25
500
0
25
75
100
50
100
200
300
400
TPLH
TPHL
0
200
Rg – SERIES LOAD RESISTANCE –
Ω
200
400
50
150
100
250
300
350
TPLH
TPHL
1.2
0
VF – FORWARD VOLTAGE – V
1.8
25
1.4
1.6
5
10
15
20
0
0
Cg – LOAD CAPACITANCE – nF
100
400
20
80
60
100
200
300
TPLH
TPHL
40
10
0
VCC – SUPPLY VOLTAGE – V
30
400
15
25
20
100
200
300
TPLH
TPHL
0
-5
IF – FORWARD LED CURRENT – mA
6
25
15
1
35
23
4
5
5
0
10
20
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com