Electronic Components Datasheet Search
  English  ▼

X  

HCPL3140 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL3140
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3140 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL3140 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Switching Specifications (AC)
Over recommended operating conditions unless otherwise specified.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Propagation Delay Time to
tPLH
0.1
0.2
0.7
µs
Rg = 47
Ω,
10,11,
14
High Output Level
Cg = 3 nF,
12,13,
Propagation Delay Time to
tPHL
0.1
0.3
0.7
µs
f = 10 kHz,
14,17
Low Output Level
Duty Cycle =
Propagation Delay
PDD
-0.5
0.5
µs
50%,
10
Difference Between Any
IF = 8 mA,
Two Parts or Channels
VCC = 30 V
Rise Time
tR
50
ns
Fall Time
tF
50
ns
Output High Level Common
|CMH|
10
kV/
µsTA = 25°C,
18
11
Mode Transient Immunity
VCM = 1 kV
Output Low Level Common
|CML|
10
kV/
µs18
12
Mode Transient Immunity
Package Characteristics
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Input-Output Momentary
VISO
2500
Vrms
TA=25°C,
8,9
Withstand Voltage
RH<50% for
Input-Output Resistance
RI-O
1012
Ω
VI-O=500 V
9
Input-Output Capacitance
CI-O
0.6
pF
Freq=1 MHz
Notes:
1. Derate linearly above 70
°C free air temperature at a rate of 0.3 mA/°C.
2. Maximum pulse width = 10
µs, maximum duty cycle = 0.2%. This value is intended to allow for component tolerances for designs with IO peak
minimum = 0.4 A. See Application section for additional details on limiting IOL peak.
3. Derate linearly above 85
°C, free air temperature at the rate of 4.0 mW/°C.
4. Input power dissipation does not require derating.
5. Maximum pulse width = 50
µs, maximum duty cycle = 0.5%.
6. In this test, VOH is measured with a DC load current. When driving capacitive load VOH will approach VCC as IOH approaches zero amps.
7. Maximum pulse width = 1 ms, maximum duty cycle = 20%.
8. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage
≥ 3000 V
rms for 1 second (leakage detection
current limit II-O ≤ 5 µA). This test is performed before 100% production test for partial discharge (method B) shown in the VDE 0884 Insulation
Characteristics Table, if applicable.
9. Device considered a two-terminal device: pins on input side shorted together and pins on output side shorted together.
10. PDD is the difference between tPHL and tPLH between any two parts or channels under the same test conditions.
11. Common mode transient immunity in the high state is the maximum tolerable |dVcm/dt| of the common mode pulse VCM to assure that the output
will remain in the high state (i.e. Vo > 6.0 V).
12. Common mode transient immunity in a low state is the maximum tolerable |dVCM/dt| of the common mode pulse, VCM, to assure that the output
will remain in a low state (i.e. Vo < 1.0 V).
13. This load condition approximates the gate load of a 1200 V/25 A IGBT.
14. The power supply current increases when operating frequency and Qg of the driven IGBT increases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com