Electronic Components Datasheet Search
  English  ▼

X  

HSSR8060 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSSR8060
Description  60 V/0.7 Ohm, General Purpose, 1 Form A, Solid State Relay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSSR8060 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSSR8060 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
240
∆T = 115°C, 0.3°C/SEC
0
∆T = 100°C, 1.5°C/SEC
∆T = 145°C, 1°C/SEC
TIME – MINUTES
220
200
180
160
140
120
100
80
60
40
20
0
260
12
3
456789
10
11
12
6-Pin Device Outline Drawing Option #300 (Gull Wing Surface Mount)
Thermal Profile (Option #300)
Regulatory Information
The HSSR-8060 has been
approved by the following
organizations:
UL
Recognized under UL 508,
Component Recognition Program,
Industrial Control Switches, File
E142465.
CSA
Approved under CAN/CSA-C22.2
No. 14-95, Industrial Control
Equipment, File LR 87683.
Figure 1. Maximum Solder Reflow Thermal Profile.
(Note: Use of non-chlorine activated fluxes is recommended.)
4.19
(0.165)
2.29
(0.090)
2.54
(0.100)
TYP.
0.635 ± 0.130
(0.025 ± 0.005)
9.65 ± 0.25
(0.380 ± 0.010)
7.62 ± 0.25
(0.300 ± 0.010)
0.635 ± 0.25
(0.025 ± 0.010)
12° NOM.
0.20 (0.008)
0.30 (0.013)
1.78
(0.070)
MAX.
9.65 ± 0.25
(0.380 ± 0.010)
6.35 ± 0.25
(0.250 ± 0.010)
DIMENSIONS IN mm (INCHES)
TOLERANCES: xx.xx = 0.01
xx.xxx = 0.001
(unless otherwise specified)
LEAD COPLANARITY
MAXIMUM: 0.102 (0.004)
[3] [5]
1.194 (0.047)
1.778 (0.070)
4.826
(0.190)
TYP.
9.398 (0.370)
9.906 (0.390)
MAX.
PAD LOCATION (FOR REFERENCE ONLY)
0.381 (0.015)
0.635 (0.025)
HP RXXXX
YYWW
TYPE NUMBER
DATE CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com