Electronic Components Datasheet Search
  English  ▼

X  

HSSR8060 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSSR8060
Description  60 V/0.7 Ohm, General Purpose, 1 Form A, Solid State Relay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSSR8060 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSSR8060 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
60 V/0.7 Ohm,
General Purpose, 1 Form A,
Solid State Relay
Technical Data
HSSR-8060
• Telecommunication
Switching Equipment
• Reed Relay Replacement
• 28 Vdc, 24 Vac, 48 Vdc Load
Driver
• Industrial Relay Coil Driver
Description
The HSSR-8060 consists of a
high-voltage circuit, optically
coupled with a light emitting
diode (LED). This device is a
solid-state replacement for single-
pole, normally-open (1 Form A)
electromechanical relays used for
general purpose switching of
signals and low-power loads. The
relay turns on (contact closes)
with a minimum input current, I
F,
of 5 mA through the input LED.
The relay turns off (contact
opens) with an input voltage, V
F,
of 0.8 V or less. The detector
contains a high speed photosensi-
tive FET driver circuit and two
high voltage MOSFETs.
This relay’s logic level input con-
trol and very low typical output
on-resistance of 0.4
Ω makes it
suitable for both ac and dc loads.
Connection A, as shown in the
schematic, allows the relay to
switch either ac or dc loads.
Connection B, with the polarity
and pin configuration as indicated
in the schematic, allows the relay
to switch dc loads only. The
advantage of Connection B is that
the on-resistance is significantly
reduced, and the output current
capability increases by a factor of
two.
The electrical and switching char-
acteristics of the HSSR-8060 are
specified from -40
°C to +85°C.
Features
• Compact Solid-State
Bidirectional Switch
• Normally-Off Single-Pole
Relay Function (1 Form A)
• 60 V Output Withstand
Voltage in Both Polarities at
25
°C
• 0.75/1.5 Amp Current
Ratings (See Schematic for
Connections A & B)
• Low Input Current; CMOS
Compatibility
• Very Low On-resistance:
0.4
Ω Typical at 25°C
• ac/dc Signal and Power
Switching
• Input-to-Output Momentary
Withstand Insulation
Voltage: 2500 Vac, 1 Minute
• 16-kV ESD Immunity: MIL-
STD-883, Method 3015
• IEEE Surge Withstand
Capability (IEEE STD
472-1974)
• CSA Approved
• UL 508 Approved
Applications
• Programmable Logic
Controllers
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Functional Diagram
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
OUTPUT
L
H


Similar Part No. - HSSR8060

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSSR-7110 HP-HSSR-7110 Datasheet
209Kb / 12P
90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
More results

Similar Description - HSSR8060

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSSR-8060 HP-HSSR-8060 Datasheet
260Kb / 13P
60 V/0.7 Ohm, General Purpose, 1 Form A, Solid State Relay
HSSR-8400 HP-HSSR-8400 Datasheet
261Kb / 13P
400 V/10 Ohm, General Purpose, 1 Form A, Solid State Relay
logo
Solid State Optronic
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
1 Form A Solid State Relay
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
1 Form A Solid State Relay
26-Oct-04
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
1 Form A Solid-State Relay
25-Jul-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
1 Form A Solid-State Relay
17-Nov-15
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
1 Form A Solid-State Relay
09-Jun-16
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
1 Form A Solid-State Relay
12-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com