Electronic Components Datasheet Search
  English  ▼

X  

HSSR8060 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HSSR8060
Description  60 V/0.7 Ohm, General Purpose, 1 Form A, Solid State Relay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSSR8060 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HSSR8060 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Switching Specifications
For -40
°C ≤ T
A ≤ +85°C with Connection A, unless otherwise specified. All Typicals at TA = 25°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Notes
Turn On Time
tON
0.93
1.4
ms
IF = 10 mA, VDD = 60 V,
2,8,
7
IO = 750 mA, TA = 25°C
9,10,
1.8
ms
IF = 10 mA, VDD = 55 V,
IO = 750 mA
Turn Off Time
tOFF
0.013
0.1
ms
IF = 10 mA, VDD = 60 V,
2,8,
IO = 750 mA, TA = 25°C
11,12,
0.1
ms
IF = 10 mA, VDD = 55 V,
IO = 750 mA
Output
|dVO/dt|
1000
V/
µsV
(peak) = 60 V, RM ≥ 1 MΩ,16
Transient
CM = 1000 pF, TA = 25°C
Rejection
Input-Output
|dVI-O/dt| 2500
V/
µsV
DD = 5 V, VI-O(peak) = 1000 V,
17
Transient
RL = 1 kΩ, CL = 25 pF,
Rejection
TA = 25°C
Package Characteristics
For 0
°C ≤ T
A ≤ 70°C, unless otherwise specified. All typicals at TA = 25°C.
Parameter
Symbol
Min.
Typ.
Max. Units
Test Conditions
Fig. Notes
Input-Output
VISO
2500
V rms
RH
≤ 50%, t = 1 min, T
A = 25°C
5,6
Momentary With-
stand Voltage*
Resistance
RI-O
100
G
Ω
VI-O = 500 Vdc, t = 1 min,
5
Input-Output
RH = 45%
Capacitance
CI-O
1.0
pF
VI-O = 0 V, f = 1 MHz
5
Input-Output
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable),
your equipment level safety specification, or HP Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”
20,21
Notes:
1. The case temperature, TC, is measured
at the center of the bottom of the
package.
2. For derating, see Figure 4. The output
power PO derating curve is obtained
when the part is handling the maximum
average output current IO as shown in
Figure 3.
3. During the pulsed RON measurement (IO
duration
≤ 30 ms), ambient (T
A) and
case temperature (TC) are equal.
4. VOS is a function of IF, and is defined
between pins 4 and 6, with pin 4 as the
reference. VOS must be measured in a
stable ambient (free of temperature
gradients).
5. Device considered a two terminal
device: pins 1, 2, and 3 shorted
together and pins 4, 5, and 6 shorted
together.
6. This is a momentary withstand proof
test. These parts are 100% tested in
production at 3000 V rms, one second.
7. For a faster turn-on time, the optional
peaking circuit shown in Figure 2 may
be implemented.
20,21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com