Electronic Components Datasheet Search
  English  ▼

X  

HSSR8060 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HSSR8060
Description  60 V/0.7 Ohm, General Purpose, 1 Form A, Solid State Relay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSSR8060 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HSSR8060 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
DC Electrical Specifications
For -40oC
≤ T
A ≤ +85°C unless otherwise specified. All Typicals at TA = 25°C.
Connec-
Parameter
tion
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig. Notes
Output
A
|VO(OFF)|60
V
VF = 0.8 V, IO = 250 µA,
5
Withstand
TA = 25°C
Voltage
55
VF = 0.8 V, IO = 250 µA
AR(ON)
0.4
0.7
Ω
6,7
3
B
0.1
0.2
A
1.6
IF = 10 mA, IO = 750 mA
B
0.4
Output
A
IO(OFF)
10-4
1.0
µAV
F = 0.8 V, VO = 60 V,
13
Leakage
TA = 25°C
Current
Output Off-
A
C(OFF)
135
pF
VF = 0.8 V, VO = 25 V,
14
Capacitance
f = 1 MHz
Output Off-
A
|VOS|1
µVI
F = 5 mA, IO = 0 mA
18
4
set Voltage
Input Reverse
VR
3V
IR = 100 µA
Breakdown
Voltage
Input
VF
1.3
1.6
1.85
V
IF = 10 mA, TA = 25°C15
Forward
Voltage
Input Diode
∆V
F/∆TA
-1.3
mV/oCIF = 10 mA
Temperature
Coefficient
Input
CIN
72
pF
VF = 0 V, f = 1 MHz
Capacitance
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current (ON)
IF(ON)
520
mA
Input Voltage (OFF)
VF(OFF)
0
0.8
Volt
Operating Temperature
TA
-40
+85
°C
Output Voltage
Connection A
VO(OFF)
-55
55
Volt
Connection B
0
55
Output Current
Connection A
IO(ON)
-0.75
0.75
A
Connection B
-1.5
1.5
Output On-
Resistance
(pulse duration
≤ 30 ms)
IF = 10 mA, IO = 750 mA
(pulse duration
≤ 30 ms),
TA = 25oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com