Electronic Components Datasheet Search
  English  ▼

X  

ICS954119 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS954119
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954119 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS954119 Datasheet HTML 2Page - Integrated Circuit Systems ICS954119 Datasheet HTML 3Page - Integrated Circuit Systems ICS954119 Datasheet HTML 4Page - Integrated Circuit Systems ICS954119 Datasheet HTML 5Page - Integrated Circuit Systems ICS954119 Datasheet HTML 6Page - Integrated Circuit Systems ICS954119 Datasheet HTML 7Page - Integrated Circuit Systems ICS954119 Datasheet HTML 8Page - Integrated Circuit Systems ICS954119 Datasheet HTML 9Page - Integrated Circuit Systems ICS954119 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Integrated
Circuit
Systems, Inc.
ICS954119
Advance Information
0875—05/24/04
Table1: Frequency Selection Table
Bit2
Bit1
Bit0
CPU
PCIEX
SRC
PCI
Spread
FSLC FSLB FSLA
MHz
MHz
MHz
MHz
%
0000
0
266.66
100.00
100.00
33.33
0 to -0.5% Down
0000
1
133.33
100.00
100.00
33.33
0 to -0.5% Down
0001
0
200.00
100.00
100.00
33.33
0 to -0.5% Down
0001
1
166.66
100.00
100.00
33.33
0 to -0.5% Down
0010
0
333.33
100.00
100.00
33.33
0 to -0.5% Down
0010
1
100.00
100.00
100.00
33.33
0 to -0.5% Down
0011
0
400.00
100.00
100.00
33.33
0 to -0.5% Down
0011
1
200.00
100.00
100.00
33.33
0 to -0.5% Down
0100
0
266.66
133.33
133.33
33.33
+/-0.25% Center
0100
1
133.33
133.33
133.33
33.33
+/-0.25% Center
0101
0
200.00
133.33
133.33
33.33
+/-0.25% Center
0101
1
166.66
125.00
125.00
33.33
+/-0.25% Center
0110
0
333.33
125.00
125.00
33.33
+/-0.25% Center
0110
1
100.00
133.33
133.33
33.33
+/-0.25% Center
0111
0
400.00
133.33
133.33
33.33
+/-0.25% Center
0111
1
200.00
133.33
133.33
33.33
+/-0.25% Center
1000
0
269.33
101.00
101.00
33.67
+/-0.3% Center
1000
1
134.66
101.00
101.00
33.67
+/-0.3% Center
1001
0
202.00
101.00
101.00
33.67
+/-0.3% Center
1001
1
168.33
101.00
101.00
33.67
+/-0.3% Center
1010
0
274.66
103.00
103.00
34.33
+/-0.3% Center
1010
1
137.33
103.00
103.00
34.33
+/-0.3% Center
1011
0
206.00
103.00
103.00
34.33
+/-0.3% Center
1011
1
171.66
103.00
103.00
34.33
+/-0.3% Center
1100
0
279.99
105.00
105.00
35.00
+/-0.3% Center
1100
1
140.00
105.00
105.00
35.00
+/-0.3% Center
1101
0
210.00
105.00
105.00
35.00
+/-0.3% Center
1101
1
174.99
105.00
105.00
35.00
+/-0.3% Center
1110
0
287.99
108.00
108.00
36.00
+/-0.3% Center
1110
1
144.00
108.00
108.00
36.00
+/-0.3% Center
1111
0
216.00
108.00
108.00
36.00
+/-0.3% Center
1111
1
179.99
108.00
108.00
36.00
+/-0.3% Center
Bit4
Bit3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com