Electronic Components Datasheet Search
  English  ▼

X  

ICS954119 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS954119
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954119 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS954119 Datasheet HTML 4Page - Integrated Circuit Systems ICS954119 Datasheet HTML 5Page - Integrated Circuit Systems ICS954119 Datasheet HTML 6Page - Integrated Circuit Systems ICS954119 Datasheet HTML 7Page - Integrated Circuit Systems ICS954119 Datasheet HTML 8Page - Integrated Circuit Systems ICS954119 Datasheet HTML 9Page - Integrated Circuit Systems ICS954119 Datasheet HTML 10Page - Integrated Circuit Systems ICS954119 Datasheet HTML 11Page - Integrated Circuit Systems ICS954119 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS954119
Advance Information
0875—05/24/04
I
2C Table: Programmable Skew Control Register
Bit 7
PCISkw3
RW
0000:0
0100:150
1000:300
1100:450
0
Bit 6
PCISkw2
RW
0001:N/A
0101:N/A
1001:N/A
1101:600
0
Bit 5
PCISkw1
RW
0010:N/A
0110:N/A
1010:N/A
1110:750
0
Bit 4
PCISkw0
RW
0011:N/A
0111:N/A
1011:N/A
1111:900
0
Bit 3
ASYNC1
RW
0
Bit 2
ASYNC0
RW
0
Bit 1
REF0
REF0 select
RW
0
Bit 0
Reserved
Reserved
RW
0
I
2C Table: Output Drive Control Register
Bit 7
Reserved
RW
1
Bit 6
Reserved
RW
1
Bit 5
Reserved
RW
1
Bit 4
Reserved
RW
1
Bit 3
Reserved
RW
0
Bit 2
Reserved
RW
1
Bit 1
Reserved
RW
0
Bit 0
Reserved
RW
1
I
2C Table: Vendor ID Register
Bit 7
Reserved
Reserved
RW
0
Bit 6
Reserved
Reserved
RW
0
Bit 5
Reserved
Reserved
RW
0
Bit 4
Reserved
Reserved
RW
0
Bit 3
VID3
R
0
Bit 2
VID2
R
0
Bit 1
VID1
R
0
Bit 0
VID0
R
1
I
2C Table: Byte Count Register
Bit 7
BC7
RW
0
Bit 6
BC6
RW
0
Bit 5
BC5
RW
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
1
Bit 1
BC1
RW
1
Bit 0
BC0
RW
1
I
2C Table: WD Time Control Register
Bit 7
WD_EN
Watchdog Alarm
Enable
RW
0
Bit 6
WD_SEL
Watchdog Hard/Soft
Alarm Select
RW
0
Bit 5
WD Hard Status
WD Hard Alarm Status
R
X
Bit 4
WD Soft Status
WD Soft Alarm Status
R
X
Bit 3
WDTCtrl
Watch Dog Time base
Control
RW
0
Bit 2
WD2
WD Timer Bit 2
RW
1
Bit 1
WD1
WD Timer Bit 1
RW
1
Bit 0
WD0
WD Timer Bit 0
RW
1
-
These bits represent X*290ms (or 1.16S) the watchdog timer
waits before it goes to alarm mode. Default is 7 X 290ms = 2s.
-
-
-
Normal
Alarm
-
290ms Base
1160ms Base
-
Hard only
Hard and Soft
-
Normal
Alarm
PWD
-
Disable
Enable
Control Function
Type
0
1
-
Byte 9
Pin #
Name
PWD
-
Byte Count
Programming b(7:0)
Writing to this register will configure how many bytes will be read
back, default is 0F = 15 bytes.
-
-
-
-
-
-
-
--
Byte 8
Pin #
Name
Control Function
Type
0
1
-
VENDOR ID
--
-
--
-
001 = ICS
-
-
--
-
--
-
--
-
--
Type
0
1
PWD
Byte 7
Pin #
Name
Control Function
Reserved
--
--
Reserved
--
--
Reserved
--
-
--
1PWD
Reserved
--
--
Name
Control Function
Type
0
XTAL
Fixed PLL
--
-
PCI Async Freq
00 = PLL1
10 = 37.7
-
01 = 33.0
11 = 44.0
PWD
-
CPU-PCI 7 Steps
Skew Control (ps)
-
-
-
Byte 5
Pin #
Name
Control Function
Type
0
1
-
-
-
-
-
Byte 6
Pin #
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com