Electronic Components Datasheet Search
  English  ▼

X  

ICS954119 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS954119
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954119 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS954119 Datasheet HTML 6Page - Integrated Circuit Systems ICS954119 Datasheet HTML 7Page - Integrated Circuit Systems ICS954119 Datasheet HTML 8Page - Integrated Circuit Systems ICS954119 Datasheet HTML 9Page - Integrated Circuit Systems ICS954119 Datasheet HTML 10Page - Integrated Circuit Systems ICS954119 Datasheet HTML 11Page - Integrated Circuit Systems ICS954119 Datasheet HTML 12Page - Integrated Circuit Systems ICS954119 Datasheet HTML 13Page - Integrated Circuit Systems ICS954119 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS954119
Advance Information
0875—05/24/04
I
2C Table: Reserved Register
Bit 7
Reserved
Reserved
RW
X
Bit 6
Reserved
Reserved
RW
X
Bit 5
Reserved
Reserved
RW
X
Bit 4
Reserved
Reserved
RW
X
Bit 3
Reserved
Reserved
RW
X
Bit 2
Reserved
Reserved
RW
X
Bit 1
Reserved
Reserved
RW
X
Bit 0
Reserved
Reserved
RW
X
I
2C Table: Reserved Register
Bit 7
Reserved
RW
X
Bit 6
Reserved
RW
X
Bit 5
Reserved
RW
X
Bit 4
Reserved
RW
X
Bit 3
Reserved
RW
X
Bit 2
Reserved
RW
X
Bit 1
Reserved
RW
X
Bit 0
Reserved
RW
X
I
2C Table: Reserved Register
Bit 7
Reserved
RW
X
Bit 6
Reserved
RW
X
Bit 5
Reserved
RW
X
Bit 4
Reserved
RW
X
Bit 3
Reserved
RW
X
Bit 2
Reserved
RW
X
Bit 1
Reserved
RW
X
Bit 0
Reserved
RW
X
I
2C Table: Reserved Register
Bit 7
Reserved
RW
0
Bit 6
Reserved
RW
X
Bit 5
Reserved
RW
X
Bit 4
Reserved
RW
X
Bit 3
Reserved
RW
X
Bit 2
Reserved
RW
X
Bit 1
Reserved
RW
X
Bit 0
Reserved
RW
X
I
2C Table: Programmable Output Divider Register
Bit 7
CPUDiv3
RW
0000:/2
0100:/4
1000:/8
1100:/16
X
Bit 6
CPUDiv2
RW
0001:/3
0101:/6
1001:/12
1101:/24
X
Bit 5
CPUDiv1
RW
0010:/5
0110:/10
1010:/20
1110:/40
X
Bit 4
CPUDiv0
RW
0011:/7
0111:/14
1011:/28
1111:/56
X
Bit 3
PCIEXDiv3
RW
0000:/2
0100:/4
1000:/8
1100:/16
X
Bit 2
PCIEXDiv2
RW
0001:/3
0101:/6
1001:/12
1101:/24
X
Bit 1
PCIEXDiv1
RW
0010:/5
0110:/10
1010:/20
1110:/40
X
Bit 0
PCIEXDiv0
RW
0011:/7
0111:/14
1011:/28
1111:/56
X
-
PCIEX Divider Ratio
Programming Bits
-
-
-
-
CPU Divider Ratio
Programming Bits
-
-
-
Type
0
1
PWD
Byte 19
Pin #
Name
Control Function
-
Reserved
-
-
-
-
1PWD
-
Reserved
Name
Control Function
Type
0
-
-
-
-
Byte 18
Pin #
1PWD
-
Reserved
Reserved
-
-
-
-
-
Name
Control Function
Type
0
-
-
Byte 17
Pin #
1PWD
-
Reserved
Reserved
-
-
-
-
-
Name
Control Function
Type
0
-
-
Byte 16
Pin #
1PWD
-
Reserved
-
-
-
-
-
Name
Control Function
Type
0
Byte 15
Pin #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com