Electronic Components Datasheet Search
  English  ▼

X  

ICS954119 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS954119
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954119 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS954119 Datasheet HTML 3Page - Integrated Circuit Systems ICS954119 Datasheet HTML 4Page - Integrated Circuit Systems ICS954119 Datasheet HTML 5Page - Integrated Circuit Systems ICS954119 Datasheet HTML 6Page - Integrated Circuit Systems ICS954119 Datasheet HTML 7Page - Integrated Circuit Systems ICS954119 Datasheet HTML 8Page - Integrated Circuit Systems ICS954119 Datasheet HTML 9Page - Integrated Circuit Systems ICS954119 Datasheet HTML 10Page - Integrated Circuit Systems ICS954119 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS954119
Advance Information
0875—05/24/04
I
2C Table: Frequency Select Register
Bit 7
FS Source
Frequency H/W IIC
Select
RW
0
Bit 6
SS_EN1
PLL1 Spread Enable
RW
1
Bit 5
Reserved
Reserved
RW
1
Bit 4
Bit4
Freq Select Bit 4
RW
0
Bit 3
Bit3
Freq Select Bit 3
RW
0
Bit 2
FSLC
Freq Select Bit 2
RW
Latch
Bit 1
FSLB
Freq Select Bit 1
RW
Latch
Bit 0
FSLA
Freq Select Bit 0
RW
Latch
I
2C Table: Output Control Register
Bit 7
PCICLK_F0
Output Control
RW
1
Bit 6
DOTT/C_96MHz
Output Control
RW
1
Bit 5
USB_48MHz
Output Control
RW
1
Bit 4
REF0
Output Control
RW
1
Bit 3
REF1
Output Control
RW
1
Bit 2
CPUCLKT/C1
Output Control
RW
1
Bit 1
CPUCLKT/C0
Output Control
RW
1
Bit 0
CPUCLK's
PD Mode Output State
Control
RW
0
I
2C Table: Output Control Register
Bit 7
PCICLK5
Output Control
RW
1
Bit 6
PCICLK4
Output Control
RW
1
Bit 5
PCICLK3
Output Control
RW
1
Bit 4
PCICLK2
Output Control
RW
1
Bit 3
PCICLK1
Output Control
RW
1
Bit 2
PCICLK0
Output Control
RW
1
Bit 1
PCICLK_F2
Output Control
RW
1
Bit 0
PCICLK_F1
Output Control
RW
1
I
2C Table: Output Control Register
Bit 7
PCIEXCLK's
PD Mode Output State
Control
RW
0
Bit 6
Reserved
Reserved
RW
1
Bit 5
PCIEXCLKT/C4
Output Control
RW
1
Bit 4
PCIEXCLKT/C3
Output Control
RW
1
Bit 3
SRCCLKT/C
Output Control
RW
1
Bit 2
PCIEXCLKT/C2
Output Control
RW
1
Bit 1
PCIEXCLKT/C1
Output Control
RW
1
Bit 0
PCIEXCLKT/C0
Output Control
RW
1
I
2C Table: Output Control Register
Bit 7
PCI/SRC Stop EN
Stop all PCI / PCIEX /
SRC clocks
1
Bit 6
PCICLK_F2
Stop Control
RW
0
Bit 5
PCICLK_F1
Stop Control
RW
0
Bit 4
PCICLK_F0
Stop Control
RW
0
Bit 3
PCIEXCLKT/C (5:3)
Stop Control
RW
1
Bit 2
SRCCLKT/C
Stop Control
RW
1
Bit 1
PCIEXCLKT/C (2:0)
Stop Control
RW
1
Bit 0
Reserved
Reserved
RW
1
--
-
Free Running
Stoppable
Stoppable
Free Running
Stoppable
Free Running
Stoppable
-
Free Running
Stoppable
PWD
Enable
Disable
-
Free Running
Stoppable
Name
Control Function
Type
1
Disable
Enable
18,17
Disable
Enable
Disable
Enable
24,23
Disable
Enable
Disable
Enable
Disable
Enable
PWD
Driven
Hi-Z
--
Disable
Enable
Byte 3
Pin #
Name
Control Function
Type
0
1
Disable
Enable
9
Disable
Enable
Disable
Enable
Disable
Enable
Disable
Enable
Disable
Enable
1PWD
Disable
Enable
Name
Control Function
Type
0
Disable
Enable
-
Driven
Hi-Z
Disable
Enable
Disable
Enable
Disable
Enable
Disable
Enable
PWD
Disable
Enable
Disable
Enable
See Table 1: PLL 1 Frequency Selection Table
-
Byte 1
Pin #
Name
Control Function
Type
0
1
-
OFF
ON
--
1PWD
Latch Inputs
IIC
Name
Control Function
Type
0
14,15
12
-
-
Pin #
-
-
7
27,26
-
0
Free Running
Byte 2
Pin #
40,39
43,42
51
50
53
55
-
33,32
31,30
-
-
-
-
-
-
Byte 0
Pin #
54
-
4
3
2
8
22,21
Byte 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com