| Electronic Components Datasheet Search |
|
TMS320DM6431 Datasheet(PDF) 84 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6431 Datasheet(HTML) 84 Page - Texas Instruments |
|
84 / 227 page ![]() TMS320DM6431 Digital Media Processor SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008 www.ti.com Table 3-18. PINMUX0 Register Description (continued) Bit Field Name Description Pins Controlled Sub-Block 0 C_WE/EM_R/W/GP[35] C_FIELD/EM_A[21]/GP[34] EM_A[13]/GP[51] EM_A[14]/GP[50] EM_A[15]/GP[49] EM_A[16]/GP[48] EM_A[17]/GP[47] EM_A[18]/GP[46] CI1(CCD9)/EM_A[19]/GP[45] CI0(CCD8)/EM_A[20]/GP[44] EMIFA Pinout Modes Sub-Block 1 This field does not affect the actual EMIFA operation. It only determines what multiplexed pins in the EMIFA/VPSS Block serves as EMIFA pins. EM_D[7]/GP[21] EM_D[6]/GP[20] 000b = No EMIFA Mode. EM_D[5]/GP[19] None of the multiplexed pins in the EMIFA/VPSS Block serves as EMIFA pins. EM_D[4]/GP[18] EM_D[3]/GP[17] 001b = 8-bit EMIFA (Async) Pinout Mode 1. EM_D[2]/GP[16] (Up to 16M-Byte address reach per Chip Select Space). EM_D[1]/GP[15] Pinout allows up to a maximum of these functions from EMIFA/VPSS Block: 8-bit EM_D[0]/GP[14] EMIFA (Async or NAND) + 10-bit CCDC (VPFE) 2:0 AEM(1) EM_CS2/GP[12] EM_A[3]/GP[11] 010b = Reserved. EM_A[4]/GP[10]/(AEAW2/PLLMS2) 011b = Reserved. EM_A[1]/(ALE)/GP[9]/(AEAW1/PLLMS1) EM_A[2]/(CLE)/GP[8]/(AEAW0/PLLMS0) 100b = Reserved. EM_A[0]/GP[7]/(AEM2) EM_BA[0]/GP[6]/(AEM1) 101b = 8-bit EMIFA (NAND) Pinout Mode 5. EM_BA[1]/GP[5]/(AEM0) Pinout allows up to a maximum of these functions from EMIFA/VPSS Block: 8-bit EMIFA (NAND) + 10-bit CCDC (VPFE) Sub-Block3 110b through 111b = Reserved. EM_A[12]/GP[89] EM_A[11]/GP[90] EM_A[10]/GP[91] EM_A[9]/GP[92] EM_A[8]/GP[93] EM_A[7]/GP[94] EM_A[6]/GP[95] EM_A[5]/GP[96] The pin mux for these pins are controlled by a combination of AEM and other PINMUX0 fields, including CWENSEL, CFLDSEL, AEAW, and CI10SEL. (2) (1) The AEM default value is latched at reset from AEM[2:0] configuration inputs. The latched values are also shown at BOOTCFG.DAEM (read-only). (2) For the full set of valid configurations of these pins, see Section 3.7.3.11.7, EMIFA/VPSS Block Pin-By-Pin Multiplexing Summary. 84 Device Configurations Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |