Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6431 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 102 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 98Page - Texas Instruments TMS320DM6431 Datasheet HTML 99Page - Texas Instruments TMS320DM6431 Datasheet HTML 100Page - Texas Instruments TMS320DM6431 Datasheet HTML 101Page - Texas Instruments TMS320DM6431 Datasheet HTML 102Page - Texas Instruments TMS320DM6431 Datasheet HTML 103Page - Texas Instruments TMS320DM6431 Datasheet HTML 104Page - Texas Instruments TMS320DM6431 Datasheet HTML 105Page - Texas Instruments TMS320DM6431 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 227 page
background image
TMS320DM6431
Digital Media Processor
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
3.7.3.11.3 EMIFA/VPSS Sub-Block 0 Configuration Choices
Table 3-39 through Table 3-41 show the configuration choices in the EMIFA/VPSS Sub-Block 0. For
instructions on how to use the different configuration choices tables for the EMIFA/VPSS Block and
Sub-Blocks, see Section 3.7.3.11.1. Note: Italics in these tables indicate mandatory settings for a given
Minor Configuration option.
Before using Table 3-39 through Table 3-41 to configure the details of the EMIFA/VPSS Sub-Block 0, the
user should first select a Major Configuration Option for the EMIFA/VPSS Block (see Section 3.7.3.11.2).
After determining the Major Configuration Option (A, B, or E), the user can now use Table 3-39 through
Table 3-41 to refine Sub-Block 0 pin selections:
1. Go to the table with the Major Configuration Option chosen from Table 3-38.
2. Each Major Configuration Option is further divided down into multiple Minor Configuration Options.
Select a Minor Configuration Option that best suits the application need.
3. Within the chosen Minor Configuration Option, further refine the detailed pin configurations by selecting
the settings of PINMUX0 fields CCDCSEL, HVDSEL, CWENSEL, CFLDSEL, and CI10SEL.
4. The PINMUX Selection Fields columns show the settings needed to program the PINMUX0 register.
Table 3-39. EMIFA/VPSS Sub-Block 0 Configuration Choice A(1)
MAJOR
MINOR
PINMUX SELECTION FIELDS
RESULTING PERIPHERALS/PINS
CONFIG
CONFIG
AEM
AEAW
OTHERS
EMIFA
VPFE
# GPIO PINS
OPTION
OPTION
Cfg Summary
No EMIFA
No CCDC
21 GP pins
Basic Pins You Get
GP[51:46]
CCDCSEL = 0
0 = GP[54, 43:36]
A1
000
000
HVDSEL = 0
0 = GP[53:52]
-
-
CWENSEL = 0
0 = GP[35]
CFLDSEL = 0
0 = GP[34]
CI10SEL = 0
0 = GP[45:44]
A
Cfg Summary
No EMIFA
8-to-10-bit CCDC
6-to-12 GP pins
Basic Pins You Get
-
GP[51:46]
CCDCSEL = 1
1 = PCLK, YI[7:0]
-
A2
000
000
HVDSEL = 0,1
1 = VD, HD
0 = GP[53:52]
-
CWENSEL = 0,1
1 = C_WE
0 = GP[35]
CFLDSEL = 0,1
1 = C_FIELD
0 = GP[34]
CI10SEL = 0,1
1 = CI[1:0]
0 = GP[45:44]
(1)
Italics indicate mandatory settings for a given Minor Configuration option.
102
Device Configurations
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com