Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6431 Datasheet(PDF) 143 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 143 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 139Page - Texas Instruments TMS320DM6431 Datasheet HTML 140Page - Texas Instruments TMS320DM6431 Datasheet HTML 141Page - Texas Instruments TMS320DM6431 Datasheet HTML 142Page - Texas Instruments TMS320DM6431 Datasheet HTML 143Page - Texas Instruments TMS320DM6431 Datasheet HTML 144Page - Texas Instruments TMS320DM6431 Datasheet HTML 145Page - Texas Instruments TMS320DM6431 Datasheet HTML 146Page - Texas Instruments TMS320DM6431 Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 227 page
background image
6.5.4
CPU Local Reset
6.5.5
Peripheral Local Reset
6.5.6
Reset Priority
6.5.7
Reset Controller Register
6.5.8
Pin Behaviors at Reset
TMS320DM6431
Digital Media Processor
www.ti.com
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
The C64x+ DSP CPU has an internal reset input that allows a host to control it. This reset is configured
through a register bit (MDCTL[39].LRST) in the Power Sleep Controller (PSC) module. When in C64x+
local reset, the slave DMA port on C64x+ will remain active and the internal memory will be accessible.
For procedures on asserting and de-asserting CPU local reset by the host, see the TMS320DM643x DMP
DSP Subsystem Reference Guide (literature number SPRU978).
For information on peripheral selection at the rising edge of POR or RESET, see Section 3, Device
Configurations of this data manual.
The user can configure the local reset and clock state of a peripheral through programming the PSC.
Table 6-4, DM6431 LPSC Assignments identifies the LPSC numbers and the peripherals capable of being
locally reset by the PSC. For more detailed information on the programming of these peripherals by the
PSC, see the TMS320DM643x DMP DSP Subsystem Reference Guide (literature number SPRU978).
If any of the above reset sources occur simultaneously, the PLLC only processes the highest priority reset
request. The reset request priorities are as follows (high to low):
• Power-on Reset
• Maximum Reset
• Warm Reset
• CPU Reset
The Reset Type Status (RSTYPE) register (01C4 00E4) is the only register for the reset controller. This
register falls in the same memory range as the PLL1 controller registers (see Table 6-18 for the PLL1
Controller Registers (including Reset Controller)). For more details on the RSTYPE register, see the
TMS320DM643x DMP DSP Subsystem Reference Guide (literature number SPRU978).
During normal operations, pins are controlled by the respective peripheral selected in the PINMUX0 or
PINMUX1 register. During device level global reset, the pin behaves as follows:
Multiplexed Boot and Configuration Pins
These pins are forced 3-stated when RESETOUT is asserted (low). This is to ensure the proper boot and
configuration values can be latched on these multiplexed pins. This is particularly useful in the case where
the boot and configuration values are driven by an external control device. After RESETOUT is
deasserted (high), these pins are controlled by their respective default peripheral.
• Boot and Configuration Pins Group: GP[28], GP[27], GP[26]/(FASTBOOT), GP[25]/(BOOTMODE3),
GP[24]/(BOOTMODE2), GP[23]/(BOOTMODE1), GP[22]/(BOOTMODE0),
EM_A[4]/GP[10]/(AEAW2/PLLMS2), EM_A[1]/(ALE)/GP[9]/(AEAW1/PLLMS1),
EM_A[2]/(CLE)/GP[8]/(AEAW0/PLLMS0), EM_A[0]/GP[7]/(AEM2), EM_BA[0]/GP[6]/(AEM1), and
EM_BA[1]/GP[5]/(AEM0).
For information on whether external pullup/pulldown resistors should be used on the boot and
configuration pins, see Section 3.9.1, Pullup/Pulldown Resistors.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com