Electronic Components Datasheet Search
  English  ▼

X  

FC3255 Datasheet(PDF) 18 Page - First Components International

Part # FC3255
Description  1.5A PWM Switching Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC3255 Datasheet(HTML) 18 Page - First Components International

Back Button FC3255 Datasheet HTML 10Page - First Components International FC3255 Datasheet HTML 11Page - First Components International FC3255 Datasheet HTML 12Page - First Components International FC3255 Datasheet HTML 13Page - First Components International FC3255 Datasheet HTML 14Page - First Components International FC3255 Datasheet HTML 15Page - First Components International FC3255 Datasheet HTML 16Page - First Components International FC3255 Datasheet HTML 17Page - First Components International FC3255 Datasheet HTML 18Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
0.275
7.0
0.155
4.0
0.060
1.52
0.050
1.270
0.024
0.6
Inches
mm
(
)
Pad Layout
SOP-8 PACKAGE OUTLINE DIMENSIONS
0.236 ± 0.008
0.050 NOM
1.270 NOM
+0.21
-0.20
5.990
3.91 ± 0.1
+0.003
-0.004
0.154
PIN INDENT
1.600 ± 0.130
0.063
± 0.005
0.057 NOM
1.450 NOM
0.175 ± 0.075
0.007
± 0.003
+0.004
-0.003
0.016
+0.10
-0.08
0.410
+0.0018
-0.0005
0.008
+0.05
-0.01
0.200
+0.013
-0.022
0.028
+0.33
-0.56
0.710
+0.002
-0.004
0.191
+0.05
-0.10
4.850
Inches
mm
(
)
0 ~ 8°
°
FC3255 1.5A PWM Switching Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com