Electronic Components Datasheet Search
  English  ▼

X  

FC3255 Datasheet(PDF) 15 Page - First Components International

Part # FC3255
Description  1.5A PWM Switching Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC3255 Datasheet(HTML) 15 Page - First Components International

Back Button FC3255 Datasheet HTML 10Page - First Components International FC3255 Datasheet HTML 11Page - First Components International FC3255 Datasheet HTML 12Page - First Components International FC3255 Datasheet HTML 13Page - First Components International FC3255 Datasheet HTML 14Page - First Components International FC3255 Datasheet HTML 15Page - First Components International FC3255 Datasheet HTML 16Page - First Components International FC3255 Datasheet HTML 17Page - First Components International FC3255 Datasheet HTML 18Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Figure 20. Additional Application Diagram, -9.0 V to -28 V Input,
-5.0 V/700 mA Output Inverted Buck Converter
3255
VC (1)
FB (2)
VCC (5)
AGND (6)
PGND (7)
VSW (8)
2.2 µF
15 µH
GND
300
GND
5.0 k
0.01µF
200 pF
VIN
-5.0
VOUT
1.1 k
22 µF
Low
ESR
Figure 22. Additional Application Diagram, 4.0 V Input, 100 V/ 10 mA Output Boost
Converter with Output Voltage Multiplier
VC
FB
AGND
PGND
VSW
GND
GND
0.01µ
VCC
4.0 V
Test
SS
1
2
3
4
8
7
6
5
C11
R1
R2
R3
C10
0.1µ
C8
C9
C1
C2
C3
C4
C5
C6
C7
50 V
50 V
50 V
50 V
50 V
50 V
50 V
D1
D1
D1
D1
D1
D1
D1
1N4148
99.755k / 0.1 W, 1%
1.245 k / 0.1 W, 1%
2.0 k
0.1µ
10
100 VO
µ
1N4148 1N4148 1N4148
1N4148 1N4148 1N4148
Figure 21. Additional Application Diagram, 2.7 V to 28 V Input, 5.0 V Output
SEPIC Converter
3255
+
+
VC (1)
FB (2)
VCC (5)
AGND (6)
PGND (7)
VSW (8)
22
GND
12.76k
GND
5.0 k
0.01µF
200 pF
VCC
22 µH
Low
ESR
22 µF
22
22
37.24 k
5.0 V
µF
µF
µF
0.1µ
0.1µ
0.1µ
0.1µ
0.1µ
0.1µ
0.1µ
FC3255 1.5A PWM Switching Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com