Electronic Components Datasheet Search
  English  ▼

X  

FC3255 Datasheet(PDF) 16 Page - First Components International

Part # FC3255
Description  1.5A PWM Switching Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC3255 Datasheet(HTML) 16 Page - First Components International

Back Button FC3255 Datasheet HTML 10Page - First Components International FC3255 Datasheet HTML 11Page - First Components International FC3255 Datasheet HTML 12Page - First Components International FC3255 Datasheet HTML 13Page - First Components International FC3255 Datasheet HTML 14Page - First Components International FC3255 Datasheet HTML 15Page - First Components International FC3255 Datasheet HTML 16Page - First Components International FC3255 Datasheet HTML 17Page - First Components International FC3255 Datasheet HTML 18Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
–V
–VOUT
†
†
-V
-5
3255
VIN
VC
VIN
2.7V TO 16V
1
3
8
5
4
6, 7
GND
NFB
VSW
S/S
D2
P6KE-15A
D3
1N4148
D1
MBRS130LT3
C1
22 µF
C2
0.047 µF
C3
0.0047 µF
R1
2k
R3
2.49k
1%
R2
2.49k
1%
C4
47 µF
ON
OFF
2
1
4
T1
3
•
•
•
•
+
+
Figure 24. Positive to Negative Converter with Direct Feedback
Figure 23. Additional Application Diagram, 5.0 V Input, ±12 V Output Dual
Boost Converter
VCC
VSW
+
+
VC
FB
GND
GND
0.01 µF
200 pF
22 µF
15 µH
22 µF
1.28 k
5.0 k
SS
Test
1
2
3
4
5
6
7
8
+5.0 V
SS
C6 C1
R1
R2
R3
10.72 k
C5
22 µF
C3
D3
D2
L1
D1
-12 V
+12 V
C4
0.1 µF
AGND
PGND
3255
VIN
FB
VC
VIN
2.7V TO 13V
1
3
8
5
2
4
6, 7
GND
NFB
VSW
S/S
P6KE-20A
1N4148
MBRS140T3
MBRS140T3
C1
22 µF
R2
1.21k
1%
R1
13k
1%
C2
0.047 µF
C3
0.0047 µF
R3
2k
R5
2.49k
1%
R4
12.1k
1%
VOUT
15V
C4
47 µF
C5
47 µF
ON
OFF
2, 3
6, 7
5
T1
4
8
8
1
•
•
•
•
•
•
+
+
+
+
-VOUT
-15V
Figure 25. Dual Output Flyback Converter with Over Voltage Protetion
FC3255 1.5A PWM Switching Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com