Electronic Components Datasheet Search
  English  ▼

X  

FC3255 Datasheet(PDF) 10 Page - First Components International

Part # FC3255
Description  1.5A PWM Switching Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC3255 Datasheet(HTML) 10 Page - First Components International

Back Button FC3255 Datasheet HTML 6Page - First Components International FC3255 Datasheet HTML 7Page - First Components International FC3255 Datasheet HTML 8Page - First Components International FC3255 Datasheet HTML 9Page - First Components International FC3255 Datasheet HTML 10Page - First Components International FC3255 Datasheet HTML 11Page - First Components International FC3255 Datasheet HTML 12Page - First Components International FC3255 Datasheet HTML 13Page - First Components International FC3255 Datasheet HTML 14Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
The situation is different in a flyback circuit. The input
current is discontinuous and a significant pulse cur-
rent is see by the input capacitors. Therefore, there
are two requirements for capacitors in a flyback regu-
lator: energy storage and filtering. To maintain a sta-
ble voltage supply to the chip, a storage capacitor
larger than 20µF with low ESR is required. To reduce
the noise generated by the inductor, insert a 1.0µF ce-
ramic capacitor between V
and ground as close as
CC
possible to the chip.
When the power switch is turned on, I
is shunted to
L
ground and I
discharges the output capacitor.
OUT
When the I ripple is small enough, I can be treated
LL
as a constant and is equal to input current I ,
IN
Summing up, the output voltage peak-peak ripple can
be calculated by:
The equation can be expressed more conveniently in
terms of V
, V
and I
for design purposes as
CC
OUT
OUT
follows:
The capacitor RMS ripple current is:
Although the above equations apply only for boost cir-
cuits, similar equations can be derived for flyback cir-
cuits.
+
-
Figure 11. Boost Circuit Effective Input Filter
VCC
CIN
RESR
IL
IIN
Reducing the Current Limit
In some applications, the designer may prefer a lower
limit on the switch current than 1.5A. An external shunt
can be connected between the V pin and ground to re-
C
duce its clamp voltage. Consequently, the current limit
of the internal power transistor current is reduced from
its nominal value.
The voltage on the V
pin can be evaluated with the
C
equation
where:
R
= 0.063 W, the value of the internal emitter resistor;
E
A
= 5V/ V, the gain of the current sense amplifier
.
V
Since R
and A
cannot be changed by the end user,
the only available method for limiting switch current be-
low 1.5A is to clamp the V pin at a lower voltage. If
C
the maximum switch or inductor current is substituted
into the equation above, the desired clamp voltage will
result.
A simple diode clamp, as shown in Figure12, clamps
the V voltage to a diode drop above the voltage on re-
C
sistor R3. Unfortunately, such a simple circuit is not
generally acceptable if V
is loosely regulated.
IN
V
=
OUT(RIPPLE)
+
+ I X ESR
IN
(I - I
) (1 - D)
IN
OUT
(C
)(f)
OUT
ID
OUT
(C
)(f)
OUT
V
=
x
OUT(RIPPLE)
+
I(V
- V
)
OUT
OUT
CC
(C
)(f)
OUT
(I
)(V
)(ESR)
OUT
OUT
V
CC
1
(C
)(f)
OUT
22
(I
- I
) (1 - D) + (I
) (D)
IN
OUT
OUT
V
- V
OUT
CC
V
CC
I
=
RIPPLE
= I
OUT
V
= I
R A
CSW E V
Figure 12. Current Limiting using a Diode Clamp
VC
D1
VCC
R1
V IN
C2
C1
R2
R3
E
V
FC3255 1.5A PWM Switching Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com