Electronic Components Datasheet Search
  English  ▼

X  

MAX1190 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1190
Description  Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1190 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1190 Datasheet HTML 9Page - Maxim Integrated Products MAX1190 Datasheet HTML 10Page - Maxim Integrated Products MAX1190 Datasheet HTML 11Page - Maxim Integrated Products MAX1190 Datasheet HTML 12Page - Maxim Integrated Products MAX1190 Datasheet HTML 13Page - Maxim Integrated Products MAX1190 Datasheet HTML 14Page - Maxim Integrated Products MAX1190 Datasheet HTML 15Page - Maxim Integrated Products MAX1190 Datasheet HTML 16Page - Maxim Integrated Products MAX1190 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
System Timing Requirements
Figure 3 depicts the relationship between the clock
input, analog input, and data output. The MAX1190
samples at the rising edge of the input clock. Output
data for channels A and B is valid on the next rising
edge of the input clock. The output data has an internal
latency of five clock cycles. Figure 3 also determines
the relationship between the input clock parameters
and the valid output data on channels A and B.
Digital Output Data (D0A/B–D9A/B), Output
Data Format Selection (T/B), Output
Enable (OE)
All digital outputs, D0A–D9A (channel A) and D0B–D9B
(channel B), are TTL/CMOS-logic compatible. There is
a five-clock-cycle latency between any particular sam-
ple and its corresponding output data. The output cod-
ing can be chosen to be either straight offset binary or
two’s complement (Table 1) controlled by a single pin
(T/B). Pull T/B low to select offset binary and high to
activate two’s complement output coding. The capaci-
tive load on digital outputs D0A–D9A and D0B–D9B
should be kept as low as possible (<15pF) to avoid
large digital currents that could feed back into the ana-
log portion of the MAX1190, thereby degrading its
dynamic performance. Using buffers on the digital out-
puts of the ADCs can further isolate the digital outputs
from heavy capacitive loads. To further improve the
dynamic performance of the MAX1190, small series
resistors (e.g., 100
Ω) can be added to the digital output
paths, close to the MAX1190.
Figure 4 displays the timing relationship between out-
put enable and data output valid, as well as power-
down/wakeup and data output valid.
Power-Down (PD) and Sleep
(SLEEP) Modes
The MAX1190 offers two power-save modes—sleep
mode and full power-down mode. In sleep mode
(SLEEP = 1), only the reference bias circuit is active
(both ADCs are disabled), and current consumption is
reduced to 3mA.
To enter full power-down mode, pull PD high. With OE
simultaneously low, all outputs are latched at the last
value prior to the power down. Pulling OE high forces
the digital outputs into a high-impedance state.
Applications Information
Figure 5 depicts a typical application circuit containing
two single-ended to differential converters. The internal
reference provides a VDD/2 output voltage for level-
shifting purposes. The input is buffered and then split
to a voltage follower and inverter. One lowpass filter per
amplifier suppresses some of the wideband noise
associated with high-speed operational amplifiers. The
user can select the RISO and CIN values to optimize the
filter performance to suit a particular application. For
the application in Figure 5, a RISO of 50
Ω is placed
before the capacitive load to prevent ringing and oscil-
lation. The 22pF CIN capacitor acts as a small filter
capacitor.
Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
______________________________________________________________________________________
13
OUTPUT
D9A–D0A
OE
tDISABLE
tENABLE
HIGH-Z
HIGH-Z
VALID DATA
OUTPUT
D9B–D0B
HIGH-Z
HIGH-Z
VALID DATA
Figure 4. Output Timing Diagram
DIFFERENTIAL INPUT
VOLTAGE*
DIFFERENTIAL INPUT
STRAIGHT OFFSET BINARY
T/B = 0
TWO’S COMPLEMENT
T/B = 1
VREF
× 512/512
+FULL SCALE - 1LSB
11 1111 1111
01 1111 1111
VREF
× 1/512
+1LSB
10 0000 0001
00 0000 0001
0
Bipolar Zero
10 0000 0000
00 0000 0000
-VREF
× 1/512
-1LSB
01 1111 1111
11 1111 1111
-VREF
× 511/512
-FULL SCALE + 1LSB
00 0000 0001
10 0000 0001
-VREF
× 512/512
-FULL SCALE
00 0000 0000
10 0000 0000
Table 1. MAX1190 Output Codes For Differential Inputs
*VREF = VREFP - VREFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com