Electronic Components Datasheet Search
  English  ▼

X  

MAX1190 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1190
Description  Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1190 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1190 Datasheet HTML 12Page - Maxim Integrated Products MAX1190 Datasheet HTML 13Page - Maxim Integrated Products MAX1190 Datasheet HTML 14Page - Maxim Integrated Products MAX1190 Datasheet HTML 15Page - Maxim Integrated Products MAX1190 Datasheet HTML 16Page - Maxim Integrated Products MAX1190 Datasheet HTML 17Page - Maxim Integrated Products MAX1190 Datasheet HTML 18Page - Maxim Integrated Products MAX1190 Datasheet HTML 19Page - Maxim Integrated Products MAX1190 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
high-gain accuracy) and a low noise level. The passive
10Hz filter following the buffer attenuates noise pro-
duced in the voltage reference and buffer stages. This
filtered noise density, which decreases for higher fre-
quencies, meets the noise levels specified for preci-
sion-ADC operation.
Unbuffered External Reference Drives
Multiple ADCs
Connecting each REFIN to analog ground disables the
internal reference of each device, allowing the internal
reference ladders to be driven directly by a set of exter-
nal reference sources. Followed by a 10Hz lowpass fil-
ter and precision voltage-divider, the MAX6066
generates a DC level of 2.500V. The buffered outputs of
this divider are set to 2.0V, 1.5V, and 1.0V, with an
accuracy that depends on the tolerance of the divider
resistors (Figure 9).
Those three voltages are buffered by the MAX4252,
which provides low noise and low DC offset. The indi-
vidual voltage followers are connected to 10Hz lowpass
filters, which filter both the reference voltage and ampli-
fier noise to a level of 3nV/
√Hz. The 2.0V and 1.0V refer-
ence voltages set the differential full-scale range of the
associated ADCs at 2VP-P. The 2.0V and 1.0V buffers
drive the ADCs’ internal ladder resistances between
them. Note that the common power supply for all active
components removes any concern regarding power-
supply sequencing when powering up or down.
With the outputs of the MAX4252 matching better than
0.1%, the buffers and subsequent lowpass filters can
be replicated to support as many as 32 ADCs. For
applications that require more than 32 matched ADCs,
a voltage reference and divider string common to all
converters is highly recommended.
Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
16
______________________________________________________________________________________
MAX1190
0.1
µF
1k
Ω
1k
Ω
100
Ω
100
Ω
CIN
22pF
CIN
22pF
INB+
INB-
COM
INA+
INA-
0.1
µF
RISO
50
Ω
RISO
50
Ω
REFP
REFN
VIN
MAX4108
0.1
µF
1k
Ω
1k
Ω
100
Ω
100
Ω
CIN
22pF
CIN
22pF
0.1
µF
RISO
50
Ω
RISO
50
Ω
REFP
REFN
VIN
MAX4108
Figure 7. Using an Op Amp for Single-Ended, AC-Coupled Input Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com