Electronic Components Datasheet Search
  English  ▼

X  

MAX1190 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1190
Description  Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1190 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1190 Datasheet HTML 1Page - Maxim Integrated Products MAX1190 Datasheet HTML 2Page - Maxim Integrated Products MAX1190 Datasheet HTML 3Page - Maxim Integrated Products MAX1190 Datasheet HTML 4Page - Maxim Integrated Products MAX1190 Datasheet HTML 5Page - Maxim Integrated Products MAX1190 Datasheet HTML 6Page - Maxim Integrated Products MAX1190 Datasheet HTML 7Page - Maxim Integrated Products MAX1190 Datasheet HTML 8Page - Maxim Integrated Products MAX1190 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fINA or B = 20.01MHz at -0.5dB FS,
TA = +25°C
58
67
fINA or B = 30.09MHz at -0.5dB FS
67
Spurious-Free Dynamic Range
SFDR
fINA or B = 59.74MHz at -0.5dB FS
64
dBc
fINA or B = 20.01MHz at -0.5dB FS,
TA = +25°C
-67
fINA or B = 30.09MHz at -0.5dB FS
-67
Third-Harmonic
Distortion
HD3
fINA or B = 59.74MHz at -0.5dB FS
-64
dBc
Intermodulation Distortion
(First Five Odd-Order IMDs)
IMD
fIN1(A or B) = 43.393MHz at -6.5dB FS,
fIN2(A or B) = 48.9017MHz at -6.5dB FS
(Note 1)
-73
dBc
Third-Order Intermodulation
Distortion
IM3
fIN1(A or B) = 43.393MHz at -6.5dB FS,
fIN2(A or B) = 48.9017MHz at -6.5dB FS
(Note 1)
-83
dBc
fINA or B = 20.01MHz at -0.5dB FS,
TA = +25°C
-65
-58
fINA or B = 30.09MHz at -0.5dB FS
-65
Total Harmonic Distortion
(First Four Harmonics)
THD
fINA or B = 59.74MHz at -0.5dB FS
-63
dBc
Small-Signal Bandwidth
Input at -20dB FS, differential inputs
500
MHz
Full-Power Bandwidth
FPBW
Input at -0.5dB FS, differential inputs
400
MHz
Aperture Delay
tAD
1ns
Aperture Jitter
tAJ
2psRMS
Overdrive Recovery Time
For 1.5
× full-scale input
2
ns
INTERNAL REFERENCE
Reference Output Voltage
VREFOUT
2.048
±3%
V
Load Regulation
1.25
mV/mA
Reference Temperature
Coefficient
TCREF
60
ppm/
°C
BUFFERED EXTERNAL REFERENCE (VREFIN = 2.048V)
Positive Reference Output
Voltage
VREFP
(Note 2)
2.162
V
Negative Reference Output
Voltage
VREFN
(Note 2)
1.138
V
Common-Mode Level
VCOM
(Note 2)
1.651
V
Differential Reference Output
Voltage Range
∆VREF
∆VREF = VREFP - VREFN
0.95
1.024
1.09
V
REFIN Resistance
RREFIN
>50
M
Ω
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V; OVDD = 2V; 0.1µF and 1.0µF capacitors from REFP, REFN, and COM to GND, REFOUT connected to REFIN through a
10k
Ω resistor; VREFIN = 2.048V; VIN = 2VP-P (differential with respect to COM); CL = 10pF at digital outputs; fCLK = 120MHz; TA =
TMIN to TMAX, unless otherwise noted;
≥+25°C guaranteed by production test, <+25°C guaranteed by design and characterization;
typical values are at TA = +25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com