Electronic Components Datasheet Search
  English  ▼

X  

MAX1190 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1190
Description  Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1190 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1190 Datasheet HTML 1Page - Maxim Integrated Products MAX1190 Datasheet HTML 2Page - Maxim Integrated Products MAX1190 Datasheet HTML 3Page - Maxim Integrated Products MAX1190 Datasheet HTML 4Page - Maxim Integrated Products MAX1190 Datasheet HTML 5Page - Maxim Integrated Products MAX1190 Datasheet HTML 6Page - Maxim Integrated Products MAX1190 Datasheet HTML 7Page - Maxim Integrated Products MAX1190 Datasheet HTML 8Page - Maxim Integrated Products MAX1190 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 3.3V; OVDD = 2V; 0.1µF and 1.0µF capacitors from REFP, REFN, and COM to GND, REFOUT connected to REFIN through a
10k
Ω resistor; VREFIN = 2.048V; VIN = 2VP-P (differential with respect to COM); CL = 10pF at digital outputs; fCLK = 120MHz; TA =
TMIN to TMAX, unless otherwise noted;
≥+25°C guaranteed by production test, <+25°C guaranteed by design and characterization;
typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD, OVDD to GND ...............................................-0.3V to +3.6V
OGND to GND.......................................................-0.3V to +0.3V
INA+, INA-, INB+, INB- to GND ...............................-0.3V to VDD
REFIN, REFOUT, REFP, REFN, COM,
CLK to GND............................................-0.3V to (VDD + 0.3V)
OE, PD, SLEEP, T/B,
D9A–D0A, D9B–D0B to OGND ...........-0.3V to (OVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
48-Pin TQFP (derate 12.5mW/°C above +70°C)........1000mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
10
Bits
Integral Nonlinearity
INL
fIN = 7.47MHz
±0.75
±3
LSB
Differential Nonlinearity
DNL
fIN = 7.47MHz, no missing codes
guaranteed
-1
±0.4
+1.5
LSB
Offset Error
<
±1
±1.8
%FS
Gain Error
0
±2
%FS
ANALOG INPUT
Differential Input Voltage Range
VDIFF
Differential or single-ended inputs
±1.0
V
Common-Mode Input Voltage
Range
VCM
VDD / 2
± 0.5
V
Input Resistance
RIN
Switched capacitor load
20
k
Ω
Input Capacitance
CIN
5pF
CONVERSION RATE
Maximum Clock Frequency
fCLK
120
MHz
Data Latency
5
Clock
Cycles
DYNAMIC CHARACTERISTICS (fCLK = 120MHz, 4096-point FFT)
fINA or B = 20.01MHz at -0.5dB FS,
TA = +25°C
55
58.5
fINA or B = 30.09MHz at -0.5dB FS
58.2
Signal-to-Noise Ratio
SNR
fINA or B = 59.74MHz at -0.5dB FS
58
dB
fINA or B = 20.01MHz at -0.5dB FS,
TA = +25°C
54.5
57.5
fINA or B = 30.09MHz at -0.5dB FS
57
Signal-to-Noise and Distortion
SINAD
fINA or B = 59.74MHz at -0.5dB FS
57
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com