Electronic Components Datasheet Search
  English  ▼

X  

MAX1921 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1921
Description  PLASTIC ENCAPSULATED DEVICES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1921 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1921 Datasheet HTML 1Page - Maxim Integrated Products MAX1921 Datasheet HTML 2Page - Maxim Integrated Products MAX1921 Datasheet HTML 3Page - Maxim Integrated Products MAX1921 Datasheet HTML 4Page - Maxim Integrated Products MAX1921 Datasheet HTML 5Page - Maxim Integrated Products MAX1921 Datasheet HTML 6Page - Maxim Integrated Products MAX1921 Datasheet HTML 7Page - Maxim Integrated Products MAX1921 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Conclusion
The MAX1921 sucessfully meets the quality and reliability standards required of all Maxim products. In
addition, Maxim’s continuous reliability monitoring program ensures that all outgoing product will continue to meet
Maxim’s quality and reliability standards.
Table of Contents
I. ........Device Description
V. ........Quality Assurance Information
II. ........Manufa cturing Information
VI. .......Reliability Evaluation
III. .......Packaging Information
IV. .......Die Information
......Attachments
I. Device Description
A. General
The MAX1921 step-down converter delivers over 400mA to outputs as low as 1.25V. This converter uses a unique
proprietary current-limited control scheme that achieves over 90% efficiency. This device maintains extremely low
quiescent supply current (50µA), and it’s high 1.2MHz (max) operating frequency permits small, low-cost external
components. This combination makes the MAX1921 an excellent high-efficiency alternative to linear regulators in
space-constrained applications.
Internal synchronous rectification greatly improves efficiency and eliminates the external Schottky diode required in
conventional step-down converters. The device also includes internal digital soft-start to limit input current upon
startup and reduce input capacitor requirements.
The MAX1921 provides factory-preset output voltages (see the Selector Guide) and is available in space-saving 6-pin
SOT23 packages
B. Absolute Maximum Ratings
Item
Rating
IN, FB, SHDN to AGND
-0.3V to +6V
OUT to AGND, LX to PGND
-0.3V to (IN + 0.3V)
AGND to PGND
-0.3V to +0.3V
OUT Short Circuit to GND
10s
Operating Temperature Range
-40°C to +85°C
Junction Temperature
+150°C
Storage Temperature
-65°C to +150°C
Lead Temperature (soldering 10s)
+300°C
Continuous Power Dissipation (TA = +70
°C)
6-Pin SOT23
696mW
Derates above +70
°C
6-Pin SOT23
8.7mW/
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com