Electronic Components Datasheet Search
  English  ▼

X  

RT8494GS Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8494GS
Description  High Voltage High Current LED Driver Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8494GS Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8494GS Datasheet HTML 5Page - Richtek Technology Corporation RT8494GS Datasheet HTML 6Page - Richtek Technology Corporation RT8494GS Datasheet HTML 7Page - Richtek Technology Corporation RT8494GS Datasheet HTML 8Page - Richtek Technology Corporation RT8494GS Datasheet HTML 9Page - Richtek Technology Corporation RT8494GS Datasheet HTML 10Page - Richtek Technology Corporation RT8494GS Datasheet HTML 11Page - Richtek Technology Corporation RT8494GS Datasheet HTML 12Page - Richtek Technology Corporation RT8494GS Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
RT8494
9
DS8494-01 November 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VISP – VISN Threshold vs. Input Voltage
180
185
190
195
200
4
8
12
16
20
24
28
32
36
Input Voltage (V)
ACTL Off Threshold vs. Input Voltage
0.20
0.21
0.22
0.23
0.24
0.25
0.26
0.27
0.28
4
8
12
16
20
24
28
32
36
Input Voltage (V)
ISW Threshold vs. Input Voltage
50
60
70
80
90
100
110
120
130
140
150
4
8
12
16
20
24
28
32
36
Input Voltage (V)
LED Current vs. DCTL PWM Duty
0
50
100
150
200
250
300
350
400
450
0
2040
6080
100
DCTL PWM Duty (%)
f = 10kHz
VISP – VISN Threshold vs. Temperature
180
185
190
195
200
-50
-25
0
25
50
75
100
125
Temperature (°C)
LED Current vs. ACTL Voltage
0
50
100
150
200
250
300
350
400
450
0.2
0.4
0.6
0.8
1
1.2
1.4
ACTL Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com