Electronic Components Datasheet Search
  English  ▼

X  

RT8494GS Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8494GS
Description  High Voltage High Current LED Driver Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8494GS Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8494GS Datasheet HTML 7Page - Richtek Technology Corporation RT8494GS Datasheet HTML 8Page - Richtek Technology Corporation RT8494GS Datasheet HTML 9Page - Richtek Technology Corporation RT8494GS Datasheet HTML 10Page - Richtek Technology Corporation RT8494GS Datasheet HTML 11Page - Richtek Technology Corporation RT8494GS Datasheet HTML 12Page - Richtek Technology Corporation RT8494GS Datasheet HTML 13Page - Richtek Technology Corporation RT8494GS Datasheet HTML 14Page - Richtek Technology Corporation RT8494GS Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
RT8494
11
DS8494-01 November 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications Information
The RT8494 is a current mode PWM controller designed
to drive an external MOSFET for high current LED
applications. The LED current can be programmed by an
external resistor. The input voltage range of the RT8494
can be up to 36V and the output voltage can be up to 90V.
The RT8494 provides analog and PWM dimming to achieve
LED current control.

SS
SS
2.4V
tC
6μA
Where,
RSENSE is the resistor between ISP and ISN.
When the voltage of ACTL is higher than 1.2V, the LED
current is regulated to :
LED(MAX)
SENSE
190mV
I
R
GBIAS Regulator and Bypass Capacitor
The GBIAS pin requires a capacitor for stable operation
and to store the charge for the large GATE switching
currents. Choose a 25V rated low ESR, X7R or X5R
ceramic capacitor for best performance. The value of a
1
μF capacitor will be adequate for many applications.
Place the capacitor close to the IC to minimize the trace
length to the GBIAS pin and also to the IC ground. An
internal current limit on the GBIAS output protects the
RT8494 from excessive on-chip power dissipation.
The GBIAS pin has its own under voltage disable (UVLO)
set to 4.3V(typical) to protect the external FETs from
excessive power dissipation caused by not being fully
enhanced. If the input voltage, VIN, will not exceed 8V,
then the GBIAS pin should be connected to the input
supply. Be aware if GBIAS supply is used to drive extra
circuits besides RT8494, typically the extra GBIAS load
should be limited to less than 10mA.
Loop Compensation
The RT8494 uses an internal error amplifier whose
compensation pin (VC) allowing the loop response
optimized for specific application. The external inductor,
output capacitor and the compensation resistor and
capacitor determine the loop stability. The inductor and
output capacitor are chosen based on performance, size
and cost. The compensation resistor and capacitor at VC
are selected to optimize control loop response and
stability. For typical LED applications, a 3.3nF
compensation capacitor at VC is adequate, and a series
resistor should always be used to increase the slew rate
on the VC pin to maintain tighter regulation of LED current
during fast transients on the input supply to the converter
an external resistor in series with a capacitor is connected
A typical value for the soft-start capacitor is 0.1
μF. The
soft-start capacitor is discharged when EN/UVLO falls
below its threshold, during an over temperature event or
during an GBIAS under voltage event.
LED Current Setting
The LED current is programmed by placing an appropriate
value current sense resistor between the ISP and ISN pins.
Typically, sensing of the current should be done at the
top of the LED string. The ACTL pin should be tied to a
voltage higher than 1.2V to get the full-scale 190mV
(typical) threshold across the sense resistor. The ACTL
pin can also be used to dim the LED current to zero,
although relative accuracy decreases with the decreasing
voltage sense threshold. When the ACTL pin voltage is
less than 1.2V, the LED current is :

ACTL
LED
SENSE
(V
0.2) 0.19
I
R
from the VC pin to GND to provide a pole and a zero for
proper loop compensation. The typical compensation for
the RT8494 is 10k
Ω and 3.3nF.
Soft-Start
The soft-start of the RT8494 can be achieved by connecting
a capacitor from SS pin to GND. The built-in soft-start
circuit reduces the start-up current spike and output
voltage overshoot. The soft-start time is determined by
the external capacitor charged by an internal 6
μAconstant
charging current. The SS pin directly limits the rate of
voltage rise on the VC pin, which in turn limits the peak
switch current.
The soft-start interval is set by the soft-start capacitor
selection according to the equation :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com